Electronic Components Datasheet Search
  English  ▼

X  

ISL84684 Datasheet (PDF) - Intersil Corporation

ISL84684 Datasheet PDF - Intersil Corporation
Part # ISL84684
Download  ISL84684 Download
File Size   385.41 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch

ISL84684 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84684 Datasheet PDF - Intersil Corporation

Part # ISL84684
Download  ISL84684 Click to download

File Size   385.41 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch

ISL84684 Datasheet (HTML) - Intersil Corporation


ISL84684 Product details

The Intersil ISL84684 device is a low ON-resistance, low
voltage, bidirectional, dual single-pole/double-throw (SPDT)
analog switch designed to operate from a single +1.65V to
+3.6V supply. Targeted applications include battery powered
equipment that benefits from low rON (0.35Ω) and fast
switching speeds (tON = 50ns, tOFF = 27ns). The digital logic
input is 1.8V logic-compatible when using a single +3V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This part may be used to “mux-in”
additional functionality while reducing ASIC design risk. The
ISL84684 is offered in small form factor packages, alleviating
board space limitations.
The ISL84684 is a committed dual single-pole/double-throw
(SPDT) that consists of two normally open (NO) and two
normally (NC) switches. This configuration can be used as a
dual 2-to-1 multiplexer. The ISL84684 is pin compatible with
the MAX4684 and MAX4685.

Features
• Drop in Replacement for the MAX4684 and MAX4685
• ON-Resistance (rON)
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.35Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.55Ω
• rON Matching Between Channels . . . . . . . . . . . . . . . .0.055Ω
• rON Flatness Across Signal Range . . . . . . . . . . . . . . . .0.03Ω
• Single Supply Operation. . . . . . . . . . . . . . . . +1.65V to +3.6V
• Low Power Consumption (PD) . . . . . . . . . . . . . . . .<0.2μW
• Fast Switching Action (V+ = +3.0V)
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >8kV
• Guaranteed Break-Before-Make
• 1.8V Logic Compatible (+3V supply)
• Available in 10 Ld 3x3 TDFN and 10 Ld MSOP
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Battery powered, Handheld, and Portable Equipment
- Cellular/mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching




Similar Part No. - ISL84684

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84684 INTERSIL-ISL84684 Datasheet
406Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
June 2004
ISL84684 INTERSIL-ISL84684 Datasheet
380Kb / 13P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
July 31, 2007
ISL84684 INTERSIL-ISL84684 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84684 RENESAS-ISL84684 Datasheet
663Kb / 13P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL84684II INTERSIL-ISL84684II Datasheet
337Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch in Chipscale Package
November 3, 2005
More results


Similar Description - ISL84684

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84684 INTERSIL-ISL84684 Datasheet
406Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
June 2004
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
April 12, 2005
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
July 31, 2007
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
September 25, 2007
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL84762 INTERSIL-ISL84762 Datasheet
276Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
September 15, 2008
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 RENESAS-ISL84684 Datasheet
663Kb / 13P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84762 RENESAS-ISL84762 Datasheet
611Kb / 12P
Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com