Electronic Components Datasheet Search
  English  ▼

X  

ISL43112IB Datasheet (PDF) - Intersil Corporation

ISL43112IB Datasheet PDF - Intersil Corporation
Part # ISL43112IB
Download  ISL43112IB Download
File Size   274.76 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Dual Supply, SPST, High Performance Analog Switches

ISL43112IB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL43112IB Datasheet PDF - Intersil Corporation

Part # ISL43112IB
Download  ISL43112IB Click to download

File Size   274.76 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Dual Supply, SPST, High Performance Analog Switches

ISL43112IB Datasheet (HTML) - Intersil Corporation


ISL43112IB Product details

The Intersil ISL43112 and ISL43113 are precision, high
performance analog switches designed to operate from
±1.5V to ±6V supplies. These devices are fully specified for
10% tolerance ±5V and ±3.3V supplies, and feature supply
and leakage currents much lower than those of other single
SPST switches. Turn-on and turn-off times are also
improved.
Targeted applications include battery powered equipment
that benefit from the devices’ low power consumption
(250µW), sub-nanoamp leakage currents, and fast switching
speeds
(tON = 40ns, tOFF = 25ns). The small SOT-23 packages,
and timing that delivers break-before-make operation, make
this family ideal for custom multiplexer applications.
Additionally, excellent RON flatness maintains signal fidelity
over the whole input range, while micro packaging alleviates
board space limitations. All these benefits combine to make
Intersil’s newest line of low-voltage switches ideal solutions
for “Next Generation” designs.
The ISL4311X are single-pole/single-throw (SPST) switches,
with the ISL43112 being normally open (NO), and the
ISL43113 being normally closed (NC).

Features
• Fully Specified at VS = ±5V and ±3.3V for 10% Tolerances
• Available in SOT-23 Packaging
• Dual Supply Operation . . . . . . . . . . . . . . . . . . . ±1.5V to ±6V
• ON Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15Ω
• RON Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5Ω
• Charge Injection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7pC
• Low Leakage Current (Max at 85°C) . . 5nA (Off Leakage)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20nA (On Leakage)
• Fast Switching Action
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
• Break-Before-Make Operation at VS = ±5V
• Minimum 2000V ESD Protection per Method 3015.7
• CMOS Logic Compatible
• Pb-free Available

Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones, Pagers
- Laptops, Notebooks, Palmtops, PDA’s
• Communications Systems
- Radios
- PBX, PABX
• Test Equipment
- Logic and Spectrum Analyzers
- Portable Meters, DVM, DMM
• Medical Equipment
- Ultrasound, MRI, CAT SCAN
- Electrocardiograph, Blood Analyzer
• Audio and Video Switching
• General Purpose Circuits
- Low Voltage DACs and ADCs
- Sample and Hold Circuits
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits




Similar Part No. - ISL43112IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
222Kb / 11P
Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
October 2002
ISL43112IB INTERSIL-ISL43112IB Datasheet
271Kb / 11P
Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112IB-T INTERSIL-ISL43112IB-T Datasheet
222Kb / 11P
Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
October 2002
ISL43112IB-T INTERSIL-ISL43112IB-T Datasheet
271Kb / 11P
Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112IBZ INTERSIL-ISL43112IBZ Datasheet
271Kb / 11P
Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
More results


Similar Description - ISL43112IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
Low-Voltage, Single Supply, SPST, High Performance Analog Switches
October 2002
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
October 2002
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
June 2003
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
Low-Voltage, Single Supply, SPST, High Performance Analog Switches
April 12, 2005
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
May 19, 2005
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
July 2004
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com