Electronic Components Datasheet Search
  English  ▼

X  

ICM7555IBAT Datasheet (PDF) - Intersil Corporation

ICM7555IBAT Datasheet PDF - Intersil Corporation
Part # ICM7555IBAT
Download  ICM7555IBAT Download
File Size   289.99 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description General Purpose Timers

ICM7555IBAT Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7555IBAT Datasheet PDF - Intersil Corporation

Part # ICM7555IBAT
Download  ICM7555IBAT Click to download

File Size   289.99 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description General Purpose Timers

ICM7555IBAT Datasheet (HTML) - Intersil Corporation


ICM7555IBAT Product details

The ICM7555 and ICM7556 are CMOS RC timers providing
significantly improved performance over the standard
SE/NE 555/6 and 355 timers, while at the same time being
direct replacements for those devices in most applications.
Improved parameters include low supply current, wide
operating supply voltage range, low THRESHOLD,
TRIGGER and RESET currents, no crowbarring of the
supply current during output transitions, higher frequency
performance and no requirement to decouple CONTROL
VOLTAGE for stable operation.
Specifically, the ICM7555 and ICM7556 are stable
controllers capable of producing accurate time delays or
frequencies. The ICM7556 is a dual ICM7555, with the two
timers operating independently of each other, sharing only
V+ and GND. In the one shot mode, the pulse width of each
circuit is precisely controlled by one external resistor and
capacitor. For astable operation as an oscillator, the free
running frequency and the duty cycle are both accurately
controlled by two external resistors and one capacitor. Unlike
the regular bipolar SE/NE 555/6 devices, the CONTROL
VOLTAGE terminal need not be decoupled with a capacitor.
The circuits are triggered and reset on falling (negative)
waveforms, and the output inverter can source or sink
currents large enough to drive TTL loads, or provide minimal
offsets to drive CMOS loads.

Features
• Exact Equivalent in Most Cases for SE/NE555/556 or
TLC555/556
• Low Supply Current
- ICM7555 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60μA
- ICM7556 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120μA
• Extremely Low Input Currents . . . . . . . . . . . . . . . . . 20pA
• High Speed Operation . . . . . . . . . . . . . . . . . . . . . . . 1MHz
• Guaranteed Supply Voltage Range . . . . . . . . . 2V to 18V
• Temperature Stability . . . . . . . . . . . . 0.005%/°C at +25°C
• Normal Reset Function - No Crowbarring of Supply During
Output Transition
• Can be Used with Higher Impedance Timing Elements
than Regular 555/6 for Longer RC Time Constants
• Timing from Microseconds through Hours
• Operates in Both Astable and Monostable Modes
• Adjustable Duty Cycle
• High Output Source/Sink Driver can Drive TTL/CMOS
• Outputs have Very Low Offsets, HI and LO
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Precision Timing
• Pulse Generation
• Sequential Timing
• Time Delay Generation
• Pulse Width Modulation
• Pulse Position Modulation
• Missing Pulse Detector




Similar Part No. - ICM7555IBAT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7555IBAT INTERSIL-ICM7555IBAT Datasheet
287Kb / 12P
General Purpose Timers
August 24, 2006
More results


Similar Description - ICM7555IBAT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
General Purpose Long Interval Timers
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
Jun-2003
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
August 24, 2006
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
Apr-1995
NE555 STMICROELECTRONICS-NE555_12 Datasheet
1Mb / 20P
General-purpose single bipolar timers
January 2012 Rev 6
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
04-Jan-2012
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com