Electronic Components Datasheet Search
  English  ▼

X  

ISL29125 Datasheet (PDF) - Intersil Corporation

ISL29125 Datasheet PDF - Intersil Corporation
Part # ISL29125
Download  ISL29125 Download
File Size   410.81 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter

ISL29125 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29125 Datasheet PDF - Intersil Corporation

Part # ISL29125
Download  ISL29125 Click to download

File Size   410.81 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter

ISL29125 Datasheet (HTML) - Intersil Corporation


ISL29125 Product details

The ISL29125 is a low power, high sensitivity, RED, GREEN and
BLUE color light sensor (RGB) with an I2C (SMBus compatible)
interface. Its state-of-the-art photodiode array provides an
accurate RGB spectral response and excellent light source to
light source variation (LS2LS). The ISL29125 is designed to
reject IR in light sources allowing the device to operate in
environments from sunlight to dark rooms. The integrating
ADC rejects 50Hz and 60Hz flicker caused by artificial light
sources. A selectable range allows the user to optimize
sensitivity suitable for the specific application. In normal
operation mode the device consumes 56µA, which reduces to
0.5µA in power-down mode. The ISL29125 supports hardware
and software user programmable interrupt thresholds. The
Interrupt persistency feature reduces false trigger notification.
The device operates on supplies (VDD) from 2.25V to 3.63V, I2C
supply from 1.7V to 3.63V, and operating temperature over the
-40°C to +85°C.

Features
• 56µA operating current, 0.5µA shutdown current
• Selectable range (Via I2C)
• I2C (SMBus compatible) output
• ADC resolution 16 bits
• Programmable interrupt windows
• Two optical sensitivity ranges
- Range 0 = 5.7m lux to 375 lux
- Range 1 = 0.152 lux to 10,000 lux
• Operating power supply 2.25 to 3.63V
• I2C power supply 1.7V to 3.63V
• 6 Ld ODFN (1.65x1.65x0.7mm) package

Applications
• Smart phone, PDA, GPS, tablet PCs, LCD-TVs, digital picture
frames, digital cameras
• Dynamic display color balancing
• Printer color enhancement
• Industrial/commercial LED lighting color management
• Ambient light color detection/correction
• OLED display aging compensation




Similar Part No. - ISL29125

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
November 20, 2013
logo
Renesas Technology Corp
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
ISL29125EVAL1Z RENESAS-ISL29125EVAL1Z Datasheet
786Kb / 17P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
ISL29125IROZ-T7 RENESAS-ISL29125IROZ-T7 Datasheet
786Kb / 17P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
ISL29125IROZ-T7A RENESAS-ISL29125IROZ-T7A Datasheet
786Kb / 17P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
More results


Similar Description - ISL29125

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29120 INTERSIL-ISL29120 Datasheet
343Kb / 8P
Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
May 29, 2012
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
November 20, 2013
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
Digital RGB, IR and Ambient Light Sensor
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
Digital RGB, IR and Ambient Light Sensor
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Intersil Corporation
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
logo
Renesas Technology Corp
ISL29124 RENESAS-ISL29124 Datasheet
770Kb / 16P
Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 13, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com