Electronic Components Datasheet Search
  English  ▼

X  

DG406 Datasheet (PDF) - Intersil Corporation

DG406 Datasheet PDF - Intersil Corporation
Part # DG406
Download  DG406 Download
File Size   604.63 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers

DG406 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG406 Datasheet PDF - Intersil Corporation

Part # DG406
Download  DG406 Click to download

File Size   604.63 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers

DG406 Datasheet (HTML) - Intersil Corporation


DG406 Product details

The DG406 and DG407 monolithic CMOS analog multiplexers
are drop-in replacements for the popular DG506A and DG507A
series devices. They each include an array of sixteen analog
switches, a TTL and CMOS compatible digital decode circuit for
channel selection, a voltage reference for logic thresholds, and
an ENABLE input for device selection when several multiplexers
are present.
These multiplexers feature lower signal ON-resistance (<100Ω)
and faster transition time (tTRANS < 300ns) compared to the
DG506A and DG507A. Charge injection has been reduced,
simplifying sample and hold applications.
The improvements in the DG406 series are made possible by
using a high voltage silicon-gate process. An epitaxial layer
prevents the latch-up associated with older CMOS technologies.
The 44V maximum voltage range permits controlling 30VP-P
signals when operating with ±15V power supplies.
The sixteen switches are bilateral, equally matched for AC or
bidirectional signals. The ON-resistance variation with analog
signals is quite low over a ±5V analog input range.

Features
• ON-Resistance (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100Ω
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . <1.2mW
• Fast Transition Time (Max) . . . . . . . . . . . . . . . . . . . . . . . 300ns
• Low Charge Injection
• TTL, CMOS Compatible
• Single or Split Supply Operation
• Pb-Free (RoHS Compliant)

Applications
• Battery Operated Systems
• Data Acquisition
• Medical Instrumentation
• Hi-Rel Systems
• Communication Systems
• Automatic Test Equipment




Similar Part No. - DG406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
552Kb / 13P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
March 13, 2006
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
14-May-07
DG406 VISHAY-DG406 Datasheet
198Kb / 16P
16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
07-Feb-11
More results


Similar Description - DG406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
June 1994
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
March 13, 2006
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 13, 2006
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com