Electronic Components Datasheet Search
  English  ▼

X  

SS05N70 Datasheet (PDF) - Infineon Technologies AG

SS05N70 Datasheet PDF - Infineon Technologies AG
Part # SS05N70_15
Download  SS05N70 Download
File Size   938.81 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 700V CoolMOS??C6 Power Transistor

SS05N70 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS05N70 Datasheet PDF - Infineon Technologies AG

Part # SS05N70_15
Download  SS05N70 Click to download

File Size   938.81 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 700V CoolMOS??C6 Power Transistor

SS05N70 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - SS05N70_15

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
SS05 HIGHLY-SS05 Datasheet
1Mb / 3P
SNAP ACTION SWITCH
logo
Sanyo Semicon Device
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
Schottky Barrier Diode 15V, 500mA Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 0.5A Rectifier
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 500mA Rectifier
More results


Similar Description - SS05N70_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPD60R2K0C6 INFINEON-IPD60R2K0C6 Datasheet
1Mb / 14P
600V CoolMOS C6 Power Transistor
2010-07-20 revision:2.0
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPW60R041C6 INFINEON-IPW60R041C6 Datasheet
868Kb / 13P
600V CoolMOS C6 Power Transistor
2010-07-12 revision:2.1
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
IPA65R099C6 INFINEON-IPA65R099C6 Datasheet
3Mb / 20P
CoolMOS??C6 Power Transistor
2011-12-14 revision:2.0
IPX60R950C6 INFINEON-IPX60R950C6 Datasheet
1Mb / 18P
600V CoolMOS??C6 Power Transistor
Rev. 2.5 2020-05-20
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com