Electronic Components Datasheet Search
  English  ▼

X  

AIC6163 Datasheet (PDF) - Analog Intergrations Corporation

AIC6163 Datasheet PDF - Analog Intergrations Corporation
Part # AIC6163
Download  AIC6163 Download
File Size   186.89 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1A Single Channel USB Switch

AIC6163 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC6163 Datasheet PDF - Analog Intergrations Corporation

Part # AIC6163
Download  AIC6163 Click to download

File Size   186.89 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1A Single Channel USB Switch

AIC6163 Datasheet (HTML) - Analog Intergrations Corporation




Similar Part No. - AIC6163

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
0.5A Single Channel USB Switch
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
0.75A Single Channel USB Switch
AIC6164 AIC-AIC6164 Datasheet
181Kb / 9P
1.5A Single Channel USB Switch
AIC6166 AIC-AIC6166 Datasheet
854Kb / 11P
Regulatory USB High-Side Power Switch
More results


Similar Description - AIC6163

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
4625.2006.04.1.2
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
USB Single-Channel Power Switch
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
Single Channel USB Switch
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
Single Channel USB Switch
logo
Taiwan Semiconductor Co...
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
1A Single Channel USB Power Switch
logo
Diodes Incorporated
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
0.5A Single Channel USB Switch
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
0.75A Single Channel USB Switch
AIC6164 AIC-AIC6164 Datasheet
181Kb / 9P
1.5A Single Channel USB Switch
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com