Electronic Components Datasheet Search
  English  ▼

X  

X9318WS8 Datasheet (PDF) - Intersil Corporation

X9318WS8 Datasheet PDF - Intersil Corporation
Part # X9318WS8
Download  X9318WS8 Download
File Size   246.29 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digitally Controlled Potentiometer

X9318WS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9318WS8 Datasheet PDF - Intersil Corporation

Part # X9318WS8
Download  X9318WS8 Click to download

File Size   246.29 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digitally Controlled Potentiometer

X9318WS8 Datasheet (HTML) - Intersil Corporation


X9318WS8 Product details

DESCRIPTION
The Intersil X9318 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory.
The wiper position is controlled by a 3-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switching network. Between each element and at either end
are tap points accessible to the wiper terminal. The
position of the wiper element is controlled by the CS,
U/D, and INC inputs. The position of the wiper can be
stored in nonvolatile memory and then be recalled
upon a subsequent power-up operation.
The device can be used as a three-terminal potentiometer for voltage control or as a two-terminal variable resistor for current control in a wide variety of applications.

FEATURES
• Solid-state potentiometer
• 3-wire serial interface
• Terminal voltage, 0 to +8V
• 100 wiper tap points
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 99 resistive elements
—Temperature compensated
—End to end resistance range ± 20%
• Low power CMOS
—VCC = 5V
—Active current, 3mA max.
—Standby current, 1mA max.
• High reliability
—Endurance, 100,000 data changes per bit
—Register data retention, 100 years
• RTOTAL value = 10kΩ
• Packages
—8 Ld SOIC and DIP
• Pb-free plus anneal available (RoHS compliant)

APPLICATIONS
• LCD bias control
• DC bias adjustment
• Gain and offset trim
• Laser diode bias control
• Voltage regulator output control




Similar Part No. - X9318WS8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9318WS8 INTERSIL-X9318WS8 Datasheet
243Kb / 10P
Digitally Controlled Potwntiometer(XSCP)
logo
Renesas Technology Corp
X9318WS8 RENESAS-X9318WS8 Datasheet
471Kb / 10P
Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9318WS8I INTERSIL-X9318WS8I Datasheet
243Kb / 10P
Digitally Controlled Potwntiometer(XSCP)
logo
Renesas Technology Corp
X9318WS8I RENESAS-X9318WS8I Datasheet
471Kb / 10P
Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9318WS8IZ INTERSIL-X9318WS8IZ Datasheet
243Kb / 10P
Digitally Controlled Potwntiometer(XSCP)
More results


Similar Description - X9318WS8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
Digitally Controlled Potentiometer
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
Digitally Controlled Potentiometer
September 16, 2005
X9116 INTERSIL-X9116_06 Datasheet
199Kb / 9P
Digitally Controlled Potentiometer
September 26, 2006
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
Digitally Controlled Potentiometer
September 5, 2006
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
Digitally Controlled Potentiometer
July 31, 2014
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com