Electronic Components Datasheet Search
  English  ▼

X  

X9116 Datasheet (PDF) - Intersil Corporation

X9116 Datasheet PDF - Intersil Corporation
Part # X9116
Download  X9116 Download
File Size   361.48 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digitally Controlled Potentiometer

X9116 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9116 Datasheet PDF - Intersil Corporation

Part # X9116
Download  X9116 Click to download

File Size   361.48 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digitally Controlled Potentiometer

X9116 Datasheet (HTML) - Intersil Corporation


X9116 Product details

The Intersil X9116 is a digitally controlled nonvolatile
potentiometer designed to be used in trimmer applications.
The pot consists of 15 equal resistor segments that connect
to the wiper pin through programmable CMOS switches. The
tap position is programmed through a 3-wire up/down serial
port. The last position of the wiper is stored in a nonvolatile
memory location which is recalled at the time of power up of
the device.
The wiper moves through sequential tap positions with
inputs on the serial port. A falling edge on INC (bar) causes
the tap position to increment one position up or down based
on whether the U/D (bar) pin is held high or low.
The X9116 can be used in many applications requiring a
variable resistance. In many cases it can replace a
mechanical trimmer and offers many advantages such as
temperature and time stability as well as the reliability of a
solid state solution.

Features
• Solid-state nonvolatile
• 16 wiper taps
• 3-wire up/down serial interface
• VCC = 2.7V and 5V
• Active current < 50µA max.
• Standby current < 5µA max.
• RTOTAL = 10kΩ
• Packages: 8 Ld MSOP, 8 Ld SOIC
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9116

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9116 XICOR-X9116 Datasheet
343Kb / 11P
Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
247Kb / 9P
Low Noise, Low Power, Low Cost
September 12, 2005
X9116 INTERSIL-X9116 Datasheet
199Kb / 9P
Digitally Controlled Potentiometer
September 26, 2006
X9116 INTERSIL-X9116 Datasheet
364Kb / 9P
Digitally Controlled Potentiometer
X9116 INTERSIL-X9116 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
More results


Similar Description - X9116

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
Digitally Controlled Potentiometer
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
Digitally Controlled Potentiometer
September 16, 2005
X9116 INTERSIL-X9116_06 Datasheet
199Kb / 9P
Digitally Controlled Potentiometer
September 26, 2006
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
Digitally Controlled Potentiometer
September 26, 2006
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
Digitally Controlled Potentiometer
September 5, 2006
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
Digitally Controlled Potentiometer
September 14, 2005
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
Digitally Controlled Potentiometer
July 31, 2014
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com