Electronic Components Datasheet Search
  English  ▼

X  

SY100S863 Datasheet (PDF) - Micrel Semiconductor

SY100S863 Datasheet PDF - Micrel Semiconductor
Part # SY100S863
Download  SY100S863 Download
File Size   96.91 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS

SY100S863 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY100S863 Datasheet PDF - Micrel Semiconductor

Part # SY100S863
Download  SY100S863 Click to download

File Size   96.91 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS

SY100S863 Datasheet (HTML) - Micrel Semiconductor


SY100S863 Product details

DESCRIPTION
The SY100S863 is a PECL 8:1 multiplexer designed for use in new, high-performance PECL systems. It has differential PECL outputs and a standard TTL output. The TTL select inputs (SEL0, SEL1, SEL2) determine which one of the eight differential PECL data inputs (D0–D7) is propagated to the outputs. The enable pin, EN, is provided for expansion. When EN is at a TTL logic one level, both PECL and TTL outputs are enabled. When the enable pin is set to TTL logic zero level, both PECL outputs of the differential pair are in cut-off and the TTL output is in a three-state condition.

FEATURES
■ Low skew
■ Differential PECL inputs
■ Differential cut-off PECL outputs capable of driving 25Ω load for driving data bus
■ Tri-state TTL output
■ TTL select and enable input
■ Internal 75KΩ PECL input pull-down resistors
■ PECL I/O fully compatible with industry standard
■ Available in 28-pin PLCC package




Similar Part No. - SY100S863

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S863 MICREL-SY100S863 Datasheet
79Kb / 8P
8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
SY100S863JC MICREL-SY100S863JC Datasheet
79Kb / 8P
8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
SY100S863JCTR MICREL-SY100S863JCTR Datasheet
79Kb / 8P
8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
SY100S863JZ MICREL-SY100S863JZ Datasheet
79Kb / 8P
8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
SY100S863JZTR MICREL-SY100S863JZTR Datasheet
79Kb / 8P
8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
More results


Similar Description - SY100S863

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
Differential PECL to TTL Translator
1996 REV 3
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY100S863 MICREL-SY100S863_06 Datasheet
79Kb / 8P
8-INPUT PECL DIFFERENTIAL MUX WITH TTL SELECTS
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_15 Datasheet
88Kb / 8P
TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com