Electronic Components Datasheet Search
  English  ▼

X  

ISL59911 Datasheet (PDF) - Intersil Corporation

ISL59911 Datasheet PDF - Intersil Corporation
Part # ISL59911
Download  ISL59911 Download
File Size   2559.98 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Triple Differential Receiver/ Equalizer with I2C Interface

ISL59911 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59911 Datasheet PDF - Intersil Corporation

Part # ISL59911
Download  ISL59911 Click to download

File Size   2559.98 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Triple Differential Receiver/ Equalizer with I2C Interface

ISL59911 Datasheet (HTML) - Intersil Corporation


ISL59911 Product details

The ISL59911 is a triple channel differential receiver and
equalizer optimized for RGB and YPbPr video signals. It
contains three high speed differential receivers with
programmable frequency compensation. The ISL59911
features manual or automatic offset calibration and ±4dB of
gain adjustment range with a resolution of 0.1dB.
The ISL59911 has a bandwidth of 250MHz and consumes only
110mA from a ±5V supply in normal operation.
When deasserted, the ENABLE pin puts the amplifiers into a
low power, high impedance state, minimizing power when not
needed and also allowing multiple devices to be connected in
parallel, allowing two or more ISL59911 devices to function as
a multiplexer.
The ISL59911 can also directly decode the sync signals
encoded onto the common modes of three pairs of Cat 5 cable
(by an ISL59311, EL4543, or similar device) or it can output
the actual common mode voltages for each of the three
channels.
The ISL59911 is available in a 32 Ld QFN package and is
specified for operation over the full -40°C to +85°C
temperature range.

Features
• 250MHz -3dB bandwidth
• 5 Adjustable EQ bands: 100MHz, 20MHz, 6MHz, 1MHz, and
200kHz
• 3rd-order lowpass filter at output with programmable corner
• ±4dB fine gain control with 0.1dB (7-bit) resolution
• Offset calibration minimizes output offset voltage
• Decodes HSYNC and VSYNC signals embedded in common
mode
• I2C interface with four unique addresses
• ±5V supplies @ 110mA
• 32 Ld 5mm x 6mm QFN package

Applications
• KVM monitor extension
• Digital signage
• General-purpose twisted-pair receiving and equalization
• High-resolution security video




Similar Part No. - ISL59911

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Renesas Technology Corp
ISL59911IRZ RENESAS-ISL59911IRZ Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911IRZ-EVALZ INTERSIL-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
More results


Similar Description - ISL59911

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
Triple Differential Receiver/Equalizer
May 17, 2005
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
Triple Differential Receiver/Equalizer
September 19, 2006
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
Triple Differential Receiver/Equalizer
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
250MHz Triple Differential Receiver/ Equalizer with I2C Interface
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
Triple Differential Receiver/Equalizer
May 9, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com