Electronic Components Datasheet Search
  English  ▼

X  

ISL97693 Datasheet (PDF) - Intersil Corporation

ISL97693 Datasheet PDF - Intersil Corporation
Part # ISL97693
Download  ISL97693 Download
File Size   1168.04 Kbytes
Page   32 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers

ISL97693 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97693 Datasheet PDF - Intersil Corporation

Part # ISL97693
Download  ISL97693 Click to download

File Size   1168.04 Kbytes
Page   32 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers

ISL97693 Datasheet (HTML) - Intersil Corporation


ISL97693 Product details

The ISL97692, ISL97693, ISL97694A are Intersil’s highly
integrated 4- and 6-channel LED drivers for display
backlighting. These parts maximize battery life by featuring
only 1mA quiescent current, and by operating down to 2.4V
input voltage, with no need for higher voltage supplies.
The ISL97692 has four channels and provides 8-bit PWM
dimming with adjustable dimming frequency up to 30kHz. The
ISL97693 has six channels with Direct PWM dimming control.
The ISL97694A has 6 channels and provides 8-, 10-, or 12-bit
PWM dimming with adjustable dimming frequency up to
30kHz, 7.5kHz, or 1.875kHz, respectively, controlled with I2C
or PWM input.
The ISL97692 and ISL97694A feature phase shifting that may
be enabled optionally, providing an optimized phase delay
between channels. In the ISL97692 and ISL97694A, phase
shifting can multiply the effective dimming frequency by four
and six allowing above audio-band PWM dimming with 10-bit
dimming resolution.
The ISL97692, ISL97693, ISL97694A employ adaptive boost
architecture, which keeps the headroom voltage as low as
possible to maximize battery life while allowing ultra low
dimming duty cycle as low as 0.005% at 100Hz dimming
frequency in Direct PWM mode.
The ISL97692, ISL97693, ISL97694A incorporate extensive
protection functions including string open and short circuit
detections, OVP, and OTP.
The ISL97692, ISL97693 are offered in the 16 Ld 3x3mm TQFN
package, and a 16 bump 1.7x1.7mm WLCSP for the ISL97692.
The ISL97694A is offered in the 20 Ld 3x4mm TQFN package. All
parts operate in ambient temperature range of -40°C to +85°C.

Features
• 2.4V minimum input voltage, supports single cell applications
• 4 channels, up to 40mA each (ISL97692) or 6 channels, up to
30mA each (ISL97693, ISL97694A)
• 90% efficient at 6P5S, 3.7V and 20mA (ISL97693, ISL97694A)
• Low 0.8mA quiescent current
• PWM dimming control with internally generated clock
- 8-bit resolution with adjustable dimming frequency up to
30kHz (ISL97692, ISL97694A)
- 12-bit resolution with adjustable dimming frequency up to
1.875kHz (ISL97694A)
- Optional automatic channel phase shift (ISL97692,
ISL97694A)
- Linear dimming from 0.025%~100% up to 5kHz or
0.4%~100% up to 30kHz (ISL97692, ISL97694A)
• Direct PWM dimming with 0.005% minimum duty cycle at
100Hz
• ±2.5% output current matching
• Adjustable switching frequency from 400kHz to 1.5MHz

Applications
• Tablet, Notebook PC and Smart Phone Displays LED
Backlighting




Similar Part No. - ISL97693

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97693 INTERSIL-ISL97693 Datasheet
1Mb / 28P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Renesas Technology Corp
ISL97693 RENESAS-ISL97693 Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Intersil Corporation
ISL97693IRTZ INTERSIL-ISL97693IRTZ Datasheet
1Mb / 28P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Renesas Technology Corp
ISL97693IRTZ RENESAS-ISL97693IRTZ Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Intersil Corporation
ISL97693IRTZ-EVALZ INTERSIL-ISL97693IRTZ-EVALZ Datasheet
1Mb / 28P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
More results


Similar Description - ISL97693

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
April 11, 2005
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
ISL97692 INTERSIL-ISL97692 Datasheet
1Mb / 28P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
Single Cell Li-Ion and Li-Pol Battery Charger
logo
Intersil Corporation
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
ISL97692 RENESAS-ISL97692 Datasheet
1Mb / 32P
Single or Multiple Cell Li-ion Battery Powered 4-Channel and 6-Channel LED Drivers
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com