Electronic Components Datasheet Search
  English  ▼

X  

ISL94212 Datasheet (PDF) - Intersil Corporation

ISL94212 Datasheet PDF - Intersil Corporation
Part # ISL94212
Download  ISL94212 Download
File Size   2081.36 Kbytes
Page   96 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Cell Li-Ion Battery Manager

ISL94212 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL94212 Datasheet PDF - Intersil Corporation

Part # ISL94212
Download  ISL94212 Click to download

File Size   2081.36 Kbytes
Page   96 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Cell Li-Ion Battery Manager

ISL94212 Datasheet (HTML) - Intersil Corporation


ISL94212 Product details

The ISL94212 Li-ion battery manager IC supervises up to 12
series connected cells. The part provides accurate monitoring,
cell balancing and extensive system diagnostics functions.
Three cell balancing modes are provided: Manual Balancing
mode, Timed Balancing mode and Auto Balance mode. The
Auto Balance mode terminates balancing functions when a
charge transfer value has been met.
The ISL94212 communicates to a host microcontroller via an
SPI interface and to other ISL94212 devices using a robust,
proprietary, two-wire Daisy Chain system.
The ISL94212 is offered in a 64 Ld TQFP package and is
specified for an operational temperature range of -40°C to
+85°C.

Features
• Up to 12-cell voltage monitors, support Li-Ion CoO2, Li-ion
Mn2O4, and Li-ion FePO4 chemistries
• Cell voltage measurement accuracy ±10mV
• 13-bit cell voltage measurement
• Pack voltage measurement accuracy ±180mV
• 14-bit pack voltage and temperature measurements
• Cell voltage scan rate of 19.5µs per cell (234µs to scan
12 cells)
• Internal temperature monitoring
• Up to four external temperature inputs
• Robust daisy chain communications system
• Integrated system diagnostics for all key internal functions
• Hardwired and communications based fault notification
• Integrated watchdog shuts down device if communication is
lost
• 7µA shutdown current: Enable = VSS
• 2Mbps SPI

Applications
• Light electric vehicle (LEV); E-Moto; E-Bike
• Battery backup systems; Energy Storage Systems (ESS)
• Solar Farms
• Portable and semi-portable equipment




Similar Part No. - ISL94212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
logo
Renesas Technology Corp
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
1Mb / 153P
Standalone 3 to 8 Cell Li-Ion Battery Pack Monitor
Oct.14.19
ISL94212 RENESAS-ISL94212 Datasheet
2Mb / 147P
16-Cell Battery Front End
Feb 3, 2022
ISL94212 RENESAS-ISL94212 Datasheet
1Mb / 60P
4 to 10 Cell Battery Front End and Protector
Jul 27, 2022
More results


Similar Description - ISL94212

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Texas Instruments
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
logo
Intersil Corporation
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
Multi-Cell Li-Ion Battery Manager
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
Multi-Cell Li-Ion Battery Manager
RAA489204 RENESAS-RAA489204 Datasheet
4Mb / 160P
Industrial Grade Multi-Cell Li-Ion Battery Manager
Aug 24, 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com