Electronic Components Datasheet Search
  English  ▼

X  

ISL88731CEVAL2Z Datasheet (PDF) - Intersil Corporation

ISL88731CEVAL2Z Datasheet PDF - Intersil Corporation
Part # ISL88731CEVAL2Z
Download  ISL88731CEVAL2Z Download
File Size   897.53 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SMBus Level 2 Battery Charger

ISL88731CEVAL2Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL88731CEVAL2Z Datasheet PDF - Intersil Corporation

Part # ISL88731CEVAL2Z
Download  ISL88731CEVAL2Z Click to download

File Size   897.53 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SMBus Level 2 Battery Charger

ISL88731CEVAL2Z Datasheet (HTML) - Intersil Corporation


ISL88731CEVAL2Z Product details

The ISL88731C is a highly integrated Lithium-ion battery
charger controller, programmable over the SMBus system
management bus (SMBus). The ISL88731C is intended to be
used in a smart battery charger (SBC) within a smart battery
system (SBS) that throttles the charge power such that the
current from the AC-adapter is automatically limited. High
efficiency is achieved with a DC/DC synchronous-rectifier buck
converter, equipped with diode emulation for enhanced light
load efficiency and system bus boosting prevention. The
ISL88731C charges one to four Lithium-ion series cells, and
delivers up to 8A charge current. Integrated MOSFET drivers
and bootstrap diode result in fewer components and smaller
implementation area. Low offset current-sense amplifiers
provide high accuracy with 10mΩ sense resistors. The
ISL88731C provides 0.5% end-of-charge battery voltage
accuracy.
The ISL88731C provides a digital output that indicates the
presence of the AC adapter as well as an analog output which
indicates the adapter current within 4% accuracy.
The ISL88731C is available in a small 5mmx5mm 28 Ld Thin
(0.8mm) QFN package. An evaluation kit is available to reduce
design time. The ISL88731C is available in Pb-Free packages.

Features
• 0.5% Battery Voltage Accuracy
• 3% Adapter Current Limit Accuracy
• 3% Charge Current Accuracy
• SMBus 2-Wire Serial Interface
• Battery Short Circuit Protection
• Fast Response for Pulse-Charging
• Fast System-Load Transient Response
• Monitor Outputs
- Adapter Current (3% Accuracy)
- AC-Adapter Detection
• 11-Bit Battery Voltage Setting
• 6 Bit Charge Current/Adapter Current Setting
• 8A Maximum Battery Charger Current
• 11A Maximum Adapter Current
• +8V to +26V Adapter Voltage Range
• Pb-Free (RoHS Compliant)

Applications
• Notebook Computers
• Tablet PCs
• Portable Equipment with Rechargeable Batteries




Similar Part No. - ISL88731CEVAL2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731CEVAL2Z INTERSIL-ISL88731CEVAL2Z Datasheet
897Kb / 25P
SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731CEVAL2Z RENESAS-ISL88731CEVAL2Z Datasheet
1Mb / 26P
SMBus Level 2 Battery Charger
More results


Similar Description - ISL88731CEVAL2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
SMBus Level 2 Battery Charger
January 7, 2009
ISL88731 INTERSIL-ISL88731 Datasheet
462Kb / 22P
SMBus Level 2 Battery Charger
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Renesas Technology Corp
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
SMBus Level 2 Battery Charger
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
SMBus Level 2 Battery Charger
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com