Electronic Components Datasheet Search
  English  ▼

X  

KBU1010 Datasheet (PDF) - GeneSiC Semiconductor, Inc.

KBU1010 Datasheet PDF - GeneSiC Semiconductor, Inc.
Part # KBU1010
Download  KBU1010 Download
File Size   299.02 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Ideal for printed circuit boards

KBU1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU1010 Datasheet PDF - GeneSiC Semiconductor, Inc.

Part # KBU1010
Download  KBU1010 Click to download

File Size   299.02 Kbytes
Page   3 Pages
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.
Description Ideal for printed circuit boards

KBU1010 Datasheet (HTML) - GeneSiC Semiconductor, Inc.


KBU1010 Product details

Features
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Ideal for printed circuit boards
• High forward surge current capability
• High temperature soldering guaranteed: 250⁰C/ 10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3 kg) tension
• Types from 600 V up to1000 V VRRM
• Not ESD Sensitive




Similar Part No. - KBU1010

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU1010 WTE-KBU1010 Datasheet
42Kb / 3P
10A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU1010 JGD-KBU1010 Datasheet
134Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Fuji Electric
KBU1010 FUJI-KBU1010 Datasheet
791Kb / 1P
10 AMP SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBU1010 WTE-KBU1010 Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
KBU1010 YANGJIE-KBU1010 Datasheet
269Kb / 2P
SINGLE PHASE 10/15/25/35AMPS. SILICON BRIDGE RECTIFIERS
More results


Similar Description - KBU1010

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
Ideal for printed circuit board
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
Ideal for printed circuit board
GBJ1006F HY-GBJ1006F Datasheet
46Kb / 2P
Ideal for printed circuit board
logo
GeneSiC Semiconductor, ...
KBU1004 GENESIC-KBU1004 Datasheet
298Kb / 3P
Ideal for printed circuit boards
logo
Suntan Capacitors
BR25005 SUNTAN-BR25005 Datasheet
609Kb / 2P
Ideal for printed circuit board
KBPC35005W SUNTAN-KBPC35005W Datasheet
505Kb / 2P
Ideal for printed circuit board
KBU6005 SUNTAN-KBU6005 Datasheet
347Kb / 2P
Ideal for printed circuit board
logo
Mospec Semiconductor
GBJ25A MOSPEC-GBJ25A Datasheet
179Kb / 2P
Ideal for printed circuit boards
logo
Vishay Siliconix
SBYV26C-M3 VISHAY-SBYV26C-M3 Datasheet
79Kb / 5P
Ideal for printed circuit boards
15-Nov-16
logo
First Silicon Co., Ltd
KBJ401 FS-KBJ401 Datasheet
233Kb / 2P
Ideal for printed circuit boards
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com