Electronic Components Datasheet Search
  English  ▼

X  

ISL54101A Datasheet (PDF) - Intersil Corporation

ISL54101A Datasheet PDF - Intersil Corporation
Part # ISL54101A
Download  ISL54101A Download
File Size   1321.67 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TMDS Regenerators with Multiplexers

ISL54101A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54101A Datasheet PDF - Intersil Corporation

Part # ISL54101A
Download  ISL54101A Click to download

File Size   1321.67 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TMDS Regenerators with Multiplexers

ISL54101A Datasheet (HTML) - Intersil Corporation


ISL54101A Product details

The ISL54100A, ISL54101A, ISL54102A are highperformance TMDS (Transition Minimized Differential
Signaling) timing regenerators and multiplexers. The
receiver contains a programmable equalizer and a clock
data recovery (CDR) function for each of the 3 TMDS pairs
in an HDMI or DVI signal. The TMDS data outputs of the
ISL5410xA are regenerated and perfectly aligned to the
regenerated TMDS clock signal, creating an extremely
clean, low-jitter DVI/HDMI signal that can be easily
decoded by any TMDS receiver.
The ISL5410xA’s design and package footprint supports
many compound configurations. Two ISL54100As can
create a DualLink 4:1 mux, a 4:2 crosspoint, or an 8:1 mux.
Additional ISL54100As can create larger combinations of
these building blocks. The ISL54102A with its 2:1
multiplexing function serves applications with fewer inputs,
while the ISL54101A can be used as a cable extender, to
clean up a noisy/jittery TMDS source, or to provide a very
stable TMDS signal to a marginal DVI or HDMI receiver.
Certified HDMI 1.3a compliant by the HDMI ATC for the
following features: 12 bit Deep Color (1080i/720p
guaranteed, 1080p typical), x.v.Color™, and all HDMI1.3
audio formats and options.

Features
• ISL54100A: 4:1 TMDS regenerator and multiplexer
• ISL54101A: 1:1 TMDS regenerator
• ISL54102A: 2:1 TMDS regenerator and multiplexer
• Clock Data Recovery and Retiming function enables use
as TMDS range extender
• Programmable pre-emphasis on output driver
• Channel activity detect based on input TMDS clock activity
• Symmetrical pinout enables high-performance DualLink,
4:2 crosspoint and 8:1 multiplexing options
• Programmable internal 50Ω, 100Ω, or high-Z termination
• External pins for channel select, activity detection
• Stand-alone or I2C software-controlled operation
• Hardware, software, or automatic channel selection
• Pb-free (RoHS compliant)

Applications
• KVM switches
• A/V receivers
• DVI/HDMI extenders
• Televisions/PC monitors/projectors




Similar Part No. - ISL54101A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54101A RENESAS-ISL54101A Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54101ACQZ INTERSIL-ISL54101ACQZ Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 17, 2008
logo
Renesas Technology Corp
ISL54101ACQZ RENESAS-ISL54101ACQZ Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
More results


Similar Description - ISL54101A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
TMDS Receiver
logo
Intersil Corporation
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
TMDS Regenerator
June 11, 2008
ISL54100 INTERSIL-ISL54100 Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 4, 2008
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 17, 2008
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
TMDS Regenerator
June 4, 2008
ISL54100CQZ INTERSIL-ISL54100CQZ Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
June 4, 2008
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
TMDS Regenerator
June 4, 2008
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
TMDS Regenerators with Multiplexers
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
TMDS Regenerator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com