Electronic Components Datasheet Search
  English  ▼

X  

ISL28633 Datasheet (PDF) - Intersil Corporation

ISL28633 Datasheet PDF - Intersil Corporation
Part # ISL28633
Download  ISL28633 Download
File Size   1522.88 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers

ISL28633 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28633 Datasheet PDF - Intersil Corporation

Part # ISL28633
Download  ISL28633 Click to download

File Size   1522.88 Kbytes
Page   30 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers

ISL28633 Datasheet (HTML) - Intersil Corporation


ISL28633 Product details

The ISL28533, ISL28534, ISL28535, ISL28633, ISL28634,
and ISL28635 are 5V Zero-Drift Rail-to-Rail Input/Output
Programmable Gain Instrumentation Amplifiers (PGIA). These
instrumentation amplifiers feature low offset, low noise, low
gain error and high CMRR. They are ideal for high precision
applications over the wide industrial temperature range.
These Instrumentation Amplifiers are designed with a unique
2-bit, 3-state logic interface that allows up to 9 selectable gain
settings. The ISL2853x single-ended output includes and
additional uncommitted zero-drift amplifier, useful to buffer
the REF input or used as a precision amplifier. The ISL2863x
differential output amplifier includes a reference pin to set the
common mode output voltage to interface with differential
input ADCs.

Features
• Ultra high precision front end amplifier
• Zero drift instrumentation amplifier
• Pin selectable 9 gain settings: G = 1 to 1,000
• Rail-to-Rail input/output
• Single ended output (ISL28533, ISL28534, ISL28535)
• Differential output (ISL28633, ISL28634, ISL28635)
• RFI filtered inputs improve EMI rejection
• Single supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
• Dual supply . . . . . . . . . . . . . . . . . . . . . . . . . ±1.25V to ±2.75V
• Low input offset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5µV, Max
• Low input offset drift . . . . . . . . . . . . . . . . . . . . . 50nV/°C, Max
• High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . . . 138dB, G = 100
• Low gain error. . . . . . . . . . . . . . . . . . . . . <0.4%, All Gains, Max
• Gain bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3MHz
• Input voltage noise (0.1Hz to 10Hz). . . . . . . . . . . . . . 0.4µVP-P
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C

Applications
• Pressure and strain gauge transducers
• Weight scales
• Flow sensors
• Biometric: ECG/blood glucose
• Temperature sensors
• Test and measurement
• Data acquisition systems
• Low ohmic current sense




Similar Part No. - ISL28633

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28633 RENESAS-ISL28633 Datasheet
2Mb / 30P
5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
ISL28633 RENESAS-ISL28633 Datasheet
2Mb / 31P
5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Rev.2.02 Jun 4, 2020
logo
Intersil Corporation
ISL28633EV2Z INTERSIL-ISL28633EV2Z Datasheet
1Mb / 30P
5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
September 24, 2013
logo
Renesas Technology Corp
ISL28633EV2Z RENESAS-ISL28633EV2Z Datasheet
2Mb / 30P
5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
ISL28633EV2Z RENESAS-ISL28633EV2Z Datasheet
2Mb / 31P
5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
Rev.2.02 Jun 4, 2020
More results


Similar Description - ISL28633

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053 Datasheet
288Kb / 12P
Precision, Rail-to-Rail Input and Output, Zero-Drift Instrumentation Amplifier with Resistor-Programmable Gain
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237 Datasheet
648Kb / 28P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Intersil Corporation
ISL28533 INTERSIL-ISL28533 Datasheet
1Mb / 30P
5V, Rail-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
September 24, 2013
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
logo
Renesas Technology Corp
ISL28533 RENESAS-ISL28533 Datasheet
2Mb / 30P
5V, Rail-to-Rail I/O, Zero-Drift, Programmable Gain Instrumentation Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com