Electronic Components Datasheet Search
  English  ▼

X  

ISL6333C Datasheet (PDF) - Intersil Corporation

ISL6333C Datasheet PDF - Intersil Corporation
Part # ISL6333C
Download  ISL6333C Download
File Size   1117.05 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications

ISL6333C Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6333C Datasheet PDF - Intersil Corporation

Part # ISL6333C
Download  ISL6333C Click to download

File Size   1117.05 Kbytes
Page   40 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications

ISL6333C Datasheet (HTML) - Intersil Corporation


ISL6333C Product details

The ISL6333 three-phase PWM family of control ICs provide a
precision voltage regulation system for advanced
microprocessors. The integration of power MOSFET drivers
into the controller IC marks a departure from the separate PWM
controller and driver configuration of previous multi-phase
product families. By reducing the number of external parts, this
integration is optimized for a cost and space saving power
management solution.
The ISL6333 controllers are designed to be compatible with
Intel VR11.1 Applications. Features that make these controllers
compatible include an IMON pin for output current monitoring,
and a Power State Indicator (PSI#) pin for phase dropping and
higher efficiency during light load states. An 8-bit VID input is
used to select the desired output voltage from the VR11 DAC
table. A circuit is provided for remote voltage sensing,
compensating for any potential difference between remote and
local grounds. The output voltage can also be positively or
negatively offset through the use of a single external resistor.
The ISL6333 controllers also include advanced control loop
features for optimal transient response to load application and
removal. One of these features is highly accurate, fully
differential, continuous DCR current sensing for load line
programming and channel current balance. Active Pulse
Positioning (APP) Modulation and Adaptive Phase Alignment
(APA) are two other unique features, allowing for quicker initial
response to high di/dt load transients. With this quicker initial
response to load transients, the number of output bulk
capacitors can be reduced, helping to reduce cost.
Integrated into the ISL6333 controllers are user-programmable
current sense resistors, which require only a single external
resistor to set their values. No external current sense resistors
are required. Another unique feature of the ISL6333 controllers
is the addition of a dynamic VID compensation pin that allows
optimizing compensation to be added for well-controlled
dynamic VID response.
Protection features of these controller ICs include a set of
sophisticated overvoltage, undervoltage, and overcurrent
protection. Furthermore, the ISL6333 controllers include
protection against an open circuit on the remote sensing inputs.
Combined, these features provide advanced protection for the
microprocessor and power system.

Features
• Intel VR11.1 Compatible
- IMON Pin for Output Current Monitoring
- Power State Indicator (PSI#) Pin for Phase Dropping
and Higher Efficiency During Light Load States
• CPURST_N Input to Eliminate Required Extensive
External Circuit for proper PSI# Operation of Intel’s
Eaglelake Chipset Platform (ISL6333B, ISL6333C Only)
• Integrated Multi-Phase Power Conversion
- 3-Phase or 2-Phase Operation with Internal Drivers
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
- ±0.5% System Accuracy Over-Temperature
- Adjustable Reference-Voltage Offset
• Optimal Transient Response
- Active Pulse Positioning (APP) Modulation
- Adaptive Phase Alignment (APA)
• Fully Differential, Continuous DCR Current Sensing
- Integrated Programmable Current Sense Resistors
- Accurate Load Line Programming
- Precision Channel Current Balancing
• Gate Voltage Optimization Technology (ISL6333,
ISL6333B Only)
• Power Saving Diode Emulation Mode (ISL6333, ISL6333B
Only)
• Optimized for use with Coupled Inductors
• Variable Gate Drive Bias: +5V to +12V
• Microprocessor Voltage Identification Inputs
- 8-bit VID Input for Selecting VR11 DAC Voltages
- Dynamic VID Technology
• Dynamic VID Compensation
• Overcurrent Protection and Channel Current Limit
• Multi-tiered Overvoltage Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.0MHz Per Phase
• Pb-free (RoHS Compliant)




Similar Part No. - ISL6333C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6333C INTERSIL-ISL6333C Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
October 8, 2010
logo
Renesas Technology Corp
ISL6333C RENESAS-ISL6333C Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
logo
Intersil Corporation
ISL6333CCRZ INTERSIL-ISL6333CCRZ Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
October 8, 2010
logo
Renesas Technology Corp
ISL6333CCRZ RENESAS-ISL6333CCRZ Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
logo
Intersil Corporation
ISL6333CIRZ INTERSIL-ISL6333CIRZ Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
October 8, 2010
More results


Similar Description - ISL6333C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6313 INTERSIL-ISL6313 Datasheet
894Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
March 5, 2007
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6333 INTERSIL-ISL6333 Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
October 8, 2010
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6314CRZ INTERSIL-ISL6314CRZ Datasheet
823Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6333 RENESAS-ISL6333 Datasheet
1Mb / 40P
Three-Phase Buck PWM Controller with Integrated MOSFET Drivers and Light Load Efficiency Enhancements for Intel VR11.1 Applications
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com