Electronic Components Datasheet Search
  English  ▼

X  

HA4600 Datasheet (PDF) - Intersil Corporation

HA4600 Datasheet PDF - Intersil Corporation
Part # HA4600
Download  HA4600 Download
File Size   245.06 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 480MHz, SOT-23, Video Buffer with Output Disable

HA4600 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA4600 Datasheet PDF - Intersil Corporation

Part # HA4600
Download  HA4600 Click to download

File Size   245.06 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 480MHz, SOT-23, Video Buffer with Output Disable

HA4600 Datasheet (HTML) - Intersil Corporation


HA4600 Product details

The HA4600 is a very wide bandwidth, unity gain buffer ideal
for professional video switching, HDTV, computer monitor
routing, and other high performance applications. The circuit
features very low power dissipation (105mW Enabled, 1mW
Disabled), excellent differential gain and phase, and very
high off isolation. When disabled, the output is switched to a
high impedance state, making the HA4600 ideal for routing
matrix equipment and video multiplexers.
The HA4600 also features fast switching and symmetric
slew rates. A typical application for the HA4600 is interfacing
Intersil’s wide range of video crosspoint switches.
For applications requiring a tally output (enable indicator),
please refer to the HA4201 data sheet.

Features
• Micro Package Available . . . . . . . . . . . . . . . . . . . SOT-23
• Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . 105mW
• Symmetrical Slew Rates . . . . . . . . . . . . . . . . . . 1700V/µs
• 0.1dB Gain Flatness. . . . . . . . . . . . . . . . . . . . . . . 250MHz
• Off Isolation (100MHz) . . . . . . . . . . . . . . . . . . . . . . . 85dB
• Differential Gain and Phase . . . . . . . . . . . . . . 0.01%/0.01°
• High ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . >1800V
• TTL Compatible Enable Input
• Improved Replacement for GB4600
• Pb-Free (RoHS Compliant)

Applications
• Professional Video Switching and Routing
• Video Multiplexers
• HDTV
• Computer Graphics
• RF Switching and Routing
• PCM Data Routing




Similar Part No. - HA4600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4600 INTERSIL-HA4600 Datasheet
82Kb / 7P
480MHz, SOT-23, Video Buffer with Output Disable
June 2000
HA4600 INTERSIL-HA4600 Datasheet
199Kb / 7P
480MHz, SOT-23, Video Buffer with Output Disable
December 22, 2005
logo
Renesas Technology Corp
HA4600 RENESAS-HA4600 Datasheet
429Kb / 8P
480MHz, SOT-23, Video Buffer with Output Disable
logo
Intersil Corporation
HA4600CB INTERSIL-HA4600CB Datasheet
82Kb / 7P
480MHz, SOT-23, Video Buffer with Output Disable
June 2000
HA4600CB INTERSIL-HA4600CB Datasheet
199Kb / 7P
480MHz, SOT-23, Video Buffer with Output Disable
December 22, 2005
More results


Similar Description - HA4600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4600 INTERSIL-HA4600 Datasheet
82Kb / 7P
480MHz, SOT-23, Video Buffer with Output Disable
June 2000
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Intersil Corporation
HA4201 INTERSIL-HA4201_06 Datasheet
346Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
March 8, 2007
HA4600 INTERSIL-HA4600_05 Datasheet
199Kb / 7P
480MHz, SOT-23, Video Buffer with Output Disable
December 22, 2005
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Renesas Technology Corp
HA4201 RENESAS-HA4201 Datasheet
440Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
HA4600 RENESAS-HA4600 Datasheet
429Kb / 8P
480MHz, SOT-23, Video Buffer with Output Disable
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com