Electronic Components Datasheet Search
  English  ▼

X  

ISL6141IB Datasheet (PDF) - Intersil Corporation

ISL6141IB Datasheet PDF - Intersil Corporation
Part # ISL6141IB
Download  ISL6141IB Download
File Size   429.22 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Voltage Hot Plug Controller

ISL6141IB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6141IB Datasheet PDF - Intersil Corporation

Part # ISL6141IB
Download  ISL6141IB Click to download

File Size   429.22 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Voltage Hot Plug Controller

ISL6141IB Datasheet (HTML) - Intersil Corporation


ISL6141IB Product details

The ISL6141 is an 8-pin, negative voltage hot plug controller
that allows a board to be safely inserted and removed from a
live backplane. Inrush current is limited to a programmable
value by controlling the gate voltage of an external Nchannel pass transistor. The pass transistor is turned off if
the input voltage is less than the Under-Voltage threshold, or
greater than the Over-Voltage threshold. The IntelliTripTM
electronic circuit breaker and programmable current limit
features protect the system against short circuits. When the
Over-Current threshold is exceeded, the output current is
limited for 600µs before the circuit breaker shuts down the
FET. If the fault disappears before the 600µs time-out,
normal operation resumes. In addition, the IntelliTripTM
electronic circuit breaker has a fast Hard Fault shutdown with
a threshold set at 4 times the current limit value. When
activated, the GATE is immediately turned off and then
slowly turned back on for a single retry (soft-start). The
active low PWRGD signal can be used to directly enable a
power module (with a low enable input). The ISL6151 is the
same device but has an active high PWRGD output.

Features
• Operates from -20V to -80V (-100V Absolute Max Rating)
• Programmable Inrush Current
• Programmable Over-Voltage Protection
• Programmable Under-Voltage Protection
- 135mV of hysteresis
- Equals ~4.6V of hysteresis at the power supply
• UVLO (Under-Voltage Lock-Out) ~ 16.5V
• Programmable Current Limit with 600µs time-out
• IntelliTripTM electronic circuit breaker distinguishes
between Over-Current and Hard Fault conditions
- Fast shutdown for Hard Faults with a single retry (fault
current > 4X current limit value).
• Pin Compatible with ISL6140/50.
• Power Good Control Output
- Monitors both the DRAIN (voltage drop across the FET)
and the GATE voltage; once both are OK, the Power
Good output is latched in the active state.
- PWRGD active high: ISL6151 (H version)
- PWRGD active low: ISL6141 (L version)
• Pb-free available

Applications
• VoIP (Voice over Internet Protocol) Servers
• Telecom systems at -48V
• Negative Power Supply Control
• +24V Wireless Base Station Power




Similar Part No. - ISL6141IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6141IB INTERSIL-ISL6141IB Datasheet
428Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
ISL6141IB-T INTERSIL-ISL6141IB-T Datasheet
428Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
ISL6141IBZA INTERSIL-ISL6141IBZA Datasheet
428Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141IBZA RENESAS-ISL6141IBZA Datasheet
899Kb / 20P
Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6141IBZA-T INTERSIL-ISL6141IBZA-T Datasheet
428Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
More results


Similar Description - ISL6141IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
Negative Voltage Hot Plug Controller
July 2004
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
Negative Voltage Hot Plug Controller
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
Negative Voltage Hot Plug Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com