Electronic Components Datasheet Search
  English  ▼

X  

ISL6119 Datasheet (PDF) - Intersil Corporation

ISL6119 Datasheet PDF - Intersil Corporation
Part # ISL6119
Download  ISL6119 Download
File Size   494.05 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description USB Dual Port Power Supply Controller

ISL6119 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6119 Datasheet PDF - Intersil Corporation

Part # ISL6119
Download  ISL6119 Click to download

File Size   494.05 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description USB Dual Port Power Supply Controller

ISL6119 Datasheet (HTML) - Intersil Corporation


ISL6119 Product details

The ISL6119 is a USB dual port power controller, fully
independent overcurrent (OC) fault protection IC.
Operational over the +2.5V to +5.5V range, this device
features internal current monitoring, accurate current
limiting, integrated power switches and current limited
delay to latch-off for system protection.
The ISL6119 current sense and limiting circuitry sets the current
limit to a nominal 1A, making this device well suited for the USB
port power management application. The ISL6119 provides OC
fault notification, accurate current limiting and a consistent
timed latch-off thus isolating and protecting the voltage bus in
the presence of an OC event or short circuit. The 12ms time to
latch-off is independent of the adjoining switch’s electrical or
thermal condition and the OC response time is inversely related
to the OC magnitude.
Each ISL6119 incorporates in a single 8 lead SOIC
package two 80mΩ N-channel MOSFET power switches
for power control. Each switch is driven by a constant
current source giving a controlled ramp up of the output
voltage. This provides a soft start turn-on eliminating bus
voltage drooping caused by inrush current while charging
heavy load capacitances. Independent enabling inputs and
fault reporting outputs for each channel are compatible with
3V and 5V logic to allow external control and monitoring.
The ISL6119 undervoltage lockout feature prevents turn-on
of the outputs unless the correct ENABLE state and VIN >
2.5V are present. During initial turn-on the ISL6119
prevents fault reporting by blanking the fault signal. Rising
and falling outputs are current limited voltage ramps so that
both the inrush current and voltage slew rate are limited,
independent of load. This reduces supply droop due to
surge and eliminates the need for external EMI filters.
During operation, once an OC condition is detected the
appropriate output is current limited for 12ms to allow
transient conditions to pass. If still in current limit after the
current limit period has elapsed, the output is then latched
off and the fault is reported by pulling the corresponding
FAULT low. The FAULT signal is latched low until reset by
the ENABLE signal being de-asserted at which time the
FAULT signal will clear.

Features
• 80mΩ Integrated Power N-channel MOSFET Switches
• Accurate Current Sensing and 1A Current Limiting
• 12ms Fault Delay to Latch-Off, No Thermal Dependency
• 2.5V to 5.5V Operating Range
• Disabled Output Internally Pulled Low
• Undervoltage Lockout
• Controlled Turn-on Ramp Time
• Channel Independent Fault Output Signals
• Compatible with 3.3V and 5V Logic Families
• Channel Independent Logic Level Enable High Inputs
(ISL6119H) or Enable Low Inputs (ISL6119L)
• Pb-Free Package Options
• Available in Tape & Reel with ‘-T’ Part Number Suffix

Applications
• USB Port Power Management
• Electronic Circuit Limiting and Breaker




Similar Part No. - ISL6119

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6119EVAL1 INTERSIL-ISL6119EVAL1 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119EVAL1 RENESAS-ISL6119EVAL1 Datasheet
771Kb / 13P
USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6119EVAL1-T INTERSIL-ISL6119EVAL1-T Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
More results


Similar Description - ISL6119

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
USB Dual Port Power Supply Controller
March 2004
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
USB Dual Port Power Supply Controller
August 2001
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
Dual USB Port Power Supply Controller
October 22, 2010
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
June 27, 2011
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
USB Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
USB Dual Port Power Supply Controller
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
Dual USB Port Power Supply Controller
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
USB Dual Port Power Supply Controller
Aug 10, 2001
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com