| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX507
|
369Kb / 12P |
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91 |
|
MAX5200
|
288Kb / 13P |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04 |
|
MAX5650
|
283Kb / 14P |
16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06 |
|
MAX1446-07
|
377Kb / 22P |
10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07 |
 Texas Instruments |
DAC80504
|
2Mb / 48P |
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
|
|
DAC80504
|
2Mb / 48P |
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
|
|
DAC81416
|
2Mb / 56P |
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
|
|
DAC81402
|
5Mb / 54P |
DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
|
|
DAC81404
|
5Mb / 53P |
DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
|
|
DAC61401
|
3Mb / 51P |
DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
NOVEMBER 2023 |