| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NSS40200LT1G
|
102Kb / 5P |
40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0 |
|
NSS40300MZ4
|
94Kb / 6P |
Bipolar Power Transistors 40 V, 3.0 A, Low VCE(sat) PNP Transistor
May, 2007 - Rev. 0 |
|
NSS40301MZ4
|
89Kb / 6P |
Bipolar Power Transistors 40 V, 3.0 A, Low VCE(sat) NPN Transistor
August, 2007 - Rev. 0 |
|
NSS1C200LT1G
|
72Kb / 5P |
100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0 |
|
NSS20200W6
|
107Kb / 5P |
20 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2008 ??Rev. 2 |
|
NSS40301MZ4
|
114Kb / 6P |
Bipolar Power Transistors 40 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 1 |
|
NSS40301MZ4T1G
|
81Kb / 6P |
Bipolar Power Transistors 40 V, 3.0 A, Low VCE(sat)
September, 2013 ??Rev. 3 |
|
NSV1C300ET4G
|
119Kb / 6P |
100 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13 |
|
NSS1C300ET4G
|
82Kb / 6P |
100 V, 3.0 A, Low VCE(sat) PNP Transistor
June, 2015 ??Rev. 7 |
|
NSV1C300CT
|
292Kb / 7P |
Bipolar Power Transistors 100 V, 3.0 A, Low VCE(sat) PNP Transistor
February, 2021 - Rev. 0 |