Electronic Components Datasheet Search
  English  ▼

X  

EN6962C Datasheet (PDF) - ON Semiconductor

EN6962C Datasheet PDF - ON Semiconductor
Part # EN6962C
Download  EN6962C Download
File Size   437.24 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type CPH5

EN6962C Datasheet (PDF)

Go To PDF Page Download Datasheet
EN6962C Datasheet PDF - ON Semiconductor

Part # EN6962C
Download  EN6962C Click to download

File Size   437.24 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type CPH5

EN6962C Datasheet (HTML) - ON Semiconductor


EN6962C Product details

N-Channel JFET and NPN Bipolar Transistor
15V, 10 to 32mA, 50V, 150mA, Composite type CPH5

Features
• Composite type with J-FET and NPN transistors contained in the CPH5 package, improving the mounting efficiency greatly
• The CPH5902 contains a 2SK2394-equivalent chip and a 2SC4639-equivalent chip in one package
• Drain and emitter are shared




Similar Part No. - EN6962C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN6962C SANYO-EN6962C Datasheet
547Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
More results


Similar Description - EN6962C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBFU310LT1 ONSEMI-MMBFU310LT1_05 Datasheet
93Kb / 4P
JFET Transistor N-Channel
April, 2005 ??Rev. 3
logo
Rohm
2SD2351T106V ROHM-2SD2351T106V Datasheet
634Kb / 11P
NPN 150mA 50V Muting Transistors
2SD2351T106W ROHM-2SD2351T106W Datasheet
634Kb / 11P
NPN 150mA 50V Muting Transistors
logo
ON Semiconductor
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5901 ONSEMI-CPH5901 Datasheet
424Kb / 8P
N-Channel JFET and NPN Bipolar Transistor 15V, 6 to 20mA, 50V, 150mA, Composite type CPH5
August, 2013
CPH5905 ONSEMI-CPH5905 Datasheet
424Kb / 8P
N-Channel JFET and NPN Bipolar Transistor 15V, 10 to 32mA, 50V, 150mA, Composite type, CPH5
August, 2013
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945H AITSEMI-C945H Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
C945L AITSEMI-C945L Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com