Electronic Components Datasheet Search
  English  ▼

X  

CPH3215 Datasheet (PDF) - ON Semiconductor

CPH3215 Datasheet PDF - ON Semiconductor
Part # CPH3215
Download  CPH3215 Download
File Size   634.46 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3

CPH3215 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH3215 Datasheet PDF - ON Semiconductor

Part # CPH3215
Download  CPH3215 Click to download

File Size   634.46 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3

CPH3215 Datasheet (HTML) - ON Semiconductor


CPH3215 Product details

Features
• Adoption of MBIT processes
• Large current capacity
• Low collector-to-emitter saturation voltage
• High-speed switching
• Ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm)
• High allowable power dissipation
• Halogen free compliance

Applications
• Relay drivers, lamp drivers, motor drivers, and strobes




Similar Part No. - CPH3215

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3215 SANYO-CPH3215 Datasheet
54Kb / 5P
DC/DC Converter Applications
More results


Similar Description - CPH3215

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3101 ONSEMI-CPH3101 Datasheet
588Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3107 ONSEMI-CPH3107 Datasheet
581Kb / 6P
Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3114 ONSEMI-CPH3114 Datasheet
583Kb / 6P
Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
MCH6102 ONSEMI-MCH6102 Datasheet
561Kb / 7P
Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com