Electronic Components Datasheet Search
  English  ▼

X  

TP-75N Datasheet (PDF) - Tyco Electronics

TP-75N Datasheet PDF - Tyco Electronics
Part # TP-75N
Download  TP-75N Download
File Size   43.56 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 50/75-Ohm Transformer 2 - 200 MHz

TP-75N Datasheet (PDF)

Go To PDF Page Download Datasheet
TP-75N Datasheet PDF - Tyco Electronics

Part # TP-75N
Download  TP-75N Click to download

File Size   43.56 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 50/75-Ohm Transformer 2 - 200 MHz

TP-75N Datasheet (HTML) - Tyco Electronics




Similar Part No. - TP-75N

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-75 ASTRODYNE-TP-75 Datasheet
439Kb / 3P
75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75 Datasheet
594Kb / 3P
75W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-75 RSG-TP-75 Datasheet
182Kb / 3P
75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75 Datasheet
609Kb / 3P
75W Triple Output with PFC Function
TP-7503 MEANWELL-TP-7503 Datasheet
609Kb / 3P
75W Triple Output with PFC Function
More results


Similar Description - TP-75N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TPX-75-4 MACOM-TPX-75-4 Datasheet
99Kb / 1P
50/75-Ohm Transformer 10 - 1500 MHz
MACP-008764-CH0370 MACOM-MACP-008764-CH0370 Datasheet
106Kb / 3P
75 Ohm Coupler 5-1000 MHz
logo
M/A-COM Technology Solu...
MACP-008764-CH0370 MA-COM-MACP-008764-CH0370 Datasheet
101Kb / 3P
75 Ohm Coupler 5-1000 MHz
TPX-75-4N MA-COM-TPX-75-4N Datasheet
52Kb / 1P
50/75-Ohm Transformer 10 - 1500 MHz
logo
Hittite Microwave Corpo...
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
BNC Connectors (50 ohm/75 ohm)
logo
M/A-COM Technology Solu...
TPX-75-4N MA-COM-TPX-75-4N Datasheet
52Kb / 1P
50/75-Ohm Transformer
logo
TriQuint Semiconductor
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
75 Ohm RF Amplifier 50 1000 MHz
TAT8884HO TRIQUINT-TAT8884HO_15 Datasheet
150Kb / 4P
50 1000 MHz 75 Ohm CATV Hybrid Amplifier
logo
Cree, Inc
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
200 W, 4400 - 5000 MHz, 50-Ohm Input
Rev 1.1
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com