Electronic Components Datasheet Search
  English  ▼

X  

MR140FF5 Datasheet (PDF) - Voltage Multipliers Inc.

MR140FF5 Datasheet PDF - Voltage Multipliers Inc.
Part # MR140FF5
Download  MR140FF5 Download
File Size   60.33 Kbytes
Page   1 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Diodes - Axial Lead 10 mA ??50ns - 3000ns

MR140FF5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR140FF5 Datasheet PDF - Voltage Multipliers Inc.

Part # MR140FF5
Download  MR140FF5 Click to download

File Size   60.33 Kbytes
Page   1 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Diodes - Axial Lead 10 mA ??50ns - 3000ns

MR140FF5 Datasheet (HTML) - Voltage Multipliers Inc.




Similar Part No. - MR140FF5

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR140H APITECH-MR140H Datasheet
108Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF:1.0 to 10.0 GHz
MR140L APITECH-MR140L Datasheet
179Kb / 3P
RF/LO: 4 to 18 GHz IF:1 to 10 GHz
MR140M APITECH-MR140M Datasheet
133Kb / 1P
RF: 4 to 18 GHz IF: 1 to 10 GHz
More results


Similar Description - MR140FF5

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
M50FF3 NJSEMI-M50FF3 Datasheet
278Kb / 1P
High Voltage Diodes -Axial Lead
logo
Voltage Multipliers Inc...
1N6838 VMI-1N6838_13 Datasheet
136Kb / 2P
High Voltage Diodes - Axial Lead 500mA - 1500mA ??30ns - 50ns ??Hermetic
K25S VMI-K25S_13 Datasheet
101Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded
M25SG VMI-M25SG_13 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 10mA - 100mA ??3000ns ??Hermetic
M50FF3 VMI-M50FF3_13 Datasheet
98Kb / 2P
High Voltage Diodes - Axial Lead 20mA - 40mA ??30ns - 50ns ??Hermetic
OZ100SG VMI-OZ100SG Datasheet
118Kb / 2P
High Voltage Opto-diode - Axial Lead 0.30A - 0.50A ??3000ns
X20FF3 VMI-X20FF3_13 Datasheet
100Kb / 2P
High Voltage Diodes - Axial Lead 50mA - 420mA ??30ns - 50ns ??Hermetic
X25SG VMI-X25SG_13 Datasheet
99Kb / 2P
High Voltage Diodes - Axial Lead 25mA - 250mA ??3000ns ??Hermetic
Z20FF3 VMI-Z20FF3_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 180mA - 1000mA ??30ns - 50ns ??Hermetic
Z25SG VMI-Z25SG_13 Datasheet
97Kb / 2P
High Voltage Diodes - Axial Lead 300mA - 1500mA ??3000ns ??Hermetic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com