Electronic Components Datasheet Search
  English  ▼

X  

UPG137GV Datasheet (PDF) - NEC

UPG137GV Datasheet PDF - NEC
Part # UPG137GV
Download  UPG137GV Download
File Size   64.41 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L-BAND SPDT SWITCH

UPG137GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG137GV Datasheet PDF - NEC

Part # UPG137GV
Download  UPG137GV Click to download

File Size   64.41 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L-BAND SPDT SWITCH

UPG137GV Datasheet (HTML) - NEC


UPG137GV Product details

DESCRIPTION
The UPG137GV and UPG138GV are L-Band Single Pole Double Throw (SPDT) GaAs MMIC switches developed for digital cellular, PCS, and WLAN applications. These devices feature wide bandwidth, low insertion loss, and high P1dB. The UPG137GV operates on a +3 to +5 V control voltage, while the UPG138GV operates on -3 to -5 V. They are housed in a very small, low-cost, 8 pin SSOP package and are available on tape-and-reel.
NECs stringent quality assurance and test procedures ensure the highest reliability and performance.

FEATURES
• WIDE FREQUENCY RANGE: 100 MHz to 2.5 GHz
• LOW INSERTION LOSS: 0.55 dB TYP at 1.0 GHZ
                                            0.65 dB TYP at 2.0 GHz
• HIGH P1dB: +35 dBm MIN using +5 or -5 V
                       +34 dBm TYP using +3 or -3 V
• SMALL 8 PIN SSOP PACKAGE
• AVAILABLE ON TAPE AND REEL




Similar Part No. - UPG137GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
52Kb / 8P
L-BAND DPDT MMIC SWITCH
UPG137GV NEC-UPG137GV Datasheet
28Kb / 3P
L-BAND SPDT GaAs MMIC SWITCH
UPG137GV-E1 NEC-UPG137GV-E1 Datasheet
108Kb / 12P
L-BAND SPDT SWITCH
UPG137GV-E1 NEC-UPG137GV-E1 Datasheet
28Kb / 3P
L-BAND SPDT GaAs MMIC SWITCH
More results


Similar Description - UPG137GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPG132G NEC-UPG132G Datasheet
111Kb / 14P
L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
L-BAND SPDT SWITCH
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
L-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
L-BAND SPDT SWITCH
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com