Electronic Components Datasheet Search
  English  ▼

X  

BL-L558LRC Datasheet (PDF) - BetLux Electronics

BL-L558LRC Datasheet PDF - BetLux Electronics
Part # BL-L558LRC
Download  BL-L558LRC Download
File Size   233.45 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 5mm Oval Type (4.6*5.8*7.9mm) LED Lamps

BL-L558LRC Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-L558LRC Datasheet PDF - BetLux Electronics

Part # BL-L558LRC
Download  BL-L558LRC Click to download

File Size   233.45 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 5mm Oval Type (4.6*5.8*7.9mm) LED Lamps

BL-L558LRC Datasheet (HTML) - BetLux Electronics




Similar Part No. - BL-L558LRC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L558LRC BETLUX-BL-L558LRC Datasheet
66Kb / 3P
Ovel Type LED lamp
REV NO: V.2
More results


Similar Description - BL-L558LRC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
393-2SURD EVERLIGHT-393-2SURD Datasheet
96Kb / 6P
7.9mm Round Type LED Lamps
393-2SURD-S530-A3 EVERLIGHT-393-2SURD-S530-A3 Datasheet
90Kb / 6P
7.9mm Round Type LED Lamps
393-2SYGD EVERLIGHT-393-2SYGD Datasheet
95Kb / 6P
7.9mm Round Type LED Lamps
393-2UYD EVERLIGHT-393-2UYD Datasheet
94Kb / 6P
7.9mm Round Type LED Lamps
393ID EVERLIGHT-393ID Datasheet
103Kb / 4P
7.9mm ROUND TYPE LED LAMPS
logo
LIGITEK electronics co....
LDBK43743 LIGITEK-LDBK43743 Datasheet
112Kb / 6P
OVAL TYPE LED LAMPS
LDGM23533 LIGITEK-LDGM23533 Datasheet
78Kb / 6P
OVAL TYPE LED LAMPS
logo
BetLux Electronics
BL-L555 BETLUX-BL-L555 Datasheet
230Kb / 4P
5mm Oval Type (5.1*4.3*7.1mm) LED Lamps
REV NO: V.2
BL-L557 BETLUX-BL-L557 Datasheet
230Kb / 4P
5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
REV NO: V.2
BL-L563 BETLUX-BL-L563 Datasheet
229Kb / 4P
5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
REV NO: V.3
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com