Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet (PDF) - Linear Technology

LT3477 Datasheet PDF - Linear Technology
Part # LT3477
Download  LT3477 Download
File Size   263.48 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 3A, DC/DC Converter with Dual Rail-to-Rail Current Sense

LT3477 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3477 Datasheet PDF - Linear Technology

Part # LT3477
Download  LT3477 Click to download

File Size   263.48 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 3A, DC/DC Converter with Dual Rail-to-Rail Current Sense

LT3477 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3477 LINER-LT3477 Datasheet
274Kb / 24P
PWM LED Driver and Boost, Flyback and SEPIC Controller
LT3477 LINER-LT3477 Datasheet
273Kb / 20P
3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
LT3477 LINER-LT3477 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3477 LINER-LT3477 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3477 LINER-LT3477 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results


Similar Description - LT3477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT3477 LINER-LT3477 Datasheet
273Kb / 20P
3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
DIN RAIL DC-DC CONVERTER
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
DIN RAIL DC-DC CONVERTER
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
logo
Anaren Microwave
MSK197RH ANAREN-MSK197RH Datasheet
327Kb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
MSK196RH ANAREN-MSK196RH Datasheet
1Mb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com