Electronic Components Datasheet Search
  English  ▼

X  

UPD705100 Datasheet (PDF) - NEC

UPD705100 Datasheet PDF - NEC
Part # UPD705100
Download  UPD705100 Download
File Size   514.39 Kbytes
Page   66 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V830TM 32-BIT MICROCONTROLLER

UPD705100 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD705100 Datasheet PDF - NEC

Part # UPD705100
Download  UPD705100 Click to download

File Size   514.39 Kbytes
Page   66 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V830TM 32-BIT MICROCONTROLLER

UPD705100 Datasheet (HTML) - NEC


UPD705100 Product details

V830™ 32-BIT MICROCONTROLLER

The µPD705100 (also called V830) is a microcontroller for incorporation use, which belongs to the V830 familyTM of the NEC original V800 seriesTM microcontrollers. The V830 can achieve high cost-performance for multimedia equipment, by integrating quick real-time responses, high-speed arithmetic/logical instructions, and functions suitable for individual applications.

FEATURES
• High-performance 32-bit architecture for incorporation use
• Built-in cache memory
   Instruction cache : 4K bytes
   Data cache : 4K bytes
• Built-in RAM
   Instruction RAM : 4K bytes
   Data RAM : 4K bytes
• One-clock-pitch pipeline structure
• 16-/32-bit instructions
• Separate buses for addresses and data
• 4G-byte linear addresses
• Thirty-two 32-bit general-purpose registers
• Hardware-interlocked register/flag hazard
• 16-level interrupt responses
• 16-bit bus fixing function
   • 16-bit bus system construction
• Instructions suitable for variable application
   • Sum-of-products operation
   • Saturable operation
   • Branch prediction
   • Concatenation shift
   • Block transfer instructions
• Power-saving mode
• Maximum operating frequency
   • 100 MHz (internal)
   • 50/33 MHz (external)
• CMOS operation, 3.3-V operation




Similar Part No. - UPD705100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD705100 RENESAS-UPD705100 Datasheet
478Kb / 68P
MOS INTEGRATED CIRCUIT
1996
UPD705100GJ-100-8EU RENESAS-UPD705100GJ-100-8EU Datasheet
478Kb / 68P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD705100

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
32-BIT MICROCONTROLLER
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
32-BIT MICROCONTROLLER
M451LG6AE ETC2-M451LG6AE Datasheet
4Mb / 219P
32-bit Microcontroller
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
32-bit Microcontroller
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
32-BIT MICROCONTROLLER
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
32-bit Microcontroller
NUC122-64P NUVOTON-NUC122-64P Datasheet
1Mb / 17P
32-BIT MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com