Electronic Components Datasheet Search
  English  ▼

X  

1H8 Datasheet (PDF) - Leshan Radio Company

1H8 Datasheet PDF - Leshan Radio Company
Part # 1H8_15
Download  1H8 Download
File Size   257.74 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Reverse Voltage 50 to 1000V Forward Current 1.0A

1H8 Datasheet (PDF)

Go To PDF Page Download Datasheet
1H8 Datasheet PDF - Leshan Radio Company

Part # 1H8_15
Download  1H8 Click to download

File Size   257.74 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Reverse Voltage 50 to 1000V Forward Current 1.0A

1H8 Datasheet (HTML) - Leshan Radio Company




Similar Part No. - 1H8_15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1H8-T3 WTE-1H8-T3 Datasheet
50Kb / 4P
1.0A ULTRAFAST DIODE
1H8-TB WTE-1H8-TB Datasheet
50Kb / 4P
1.0A ULTRAFAST DIODE
logo
GOOD-ARK Electronics
1H8G GOOD-ARK-1H8G Datasheet
186Kb / 2P
Glass Passivated High Efficient Rectifiers
logo
DAESAN ELECTRONIC CORP.
1H8G DAESAN-1H8G Datasheet
284Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
1H8G BILIN-1H8G Datasheet
78Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Similar Description - 1H8_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
HER101G DACHANG-HER101G Datasheet
171Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
RGP10A DACHANG-RGP10A Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
1F1 LRC-1F1_14 Datasheet
225Kb / 7P
Fast Recovery ectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001 LRC-UF4001_14 Datasheet
289Kb / 7P
Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
1H8 LRC-1H8 Datasheet
257Kb / 7P
High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
AiT Semiconductor Inc.
GS1A AITSEMI-GS1A Datasheet
439Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1.0A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com