Electronic Components Datasheet Search
  English  ▼

X  

UPD17235GT Datasheet (PDF) - NEC

UPD17235GT Datasheet PDF - NEC
Part # UPD17235GT
Download  UPD17235GT Download
File Size   378.33 Kbytes
Page   92 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER

UPD17235GT Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD17235GT Datasheet PDF - NEC

Part # UPD17235GT
Download  UPD17235GT Click to download

File Size   378.33 Kbytes
Page   92 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER

UPD17235GT Datasheet (HTML) - NEC


UPD17235GT Product details

DESCRIPTION
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236 (hereafter called µPD17236 subseries) are 4-bit singlechip microcontrollers for small general-purpose infrared remote control transmitters. It employs a 17K architecture of general-purpose register type devices for the CPU, and can directly execute operations between memories instead of the conventional method of executing operations through the accumulator.
Moreover, all the instructions are 16-bit 1-word instructions which can be programmed efficiently.
In addition, a one-time PROM model, µPD17P236Note, to which data can be written only once, is also available. It is convenient either for evaluating the µPD17236 subseries programs or small-scale production of application systems.

FEATURES
• Infrared remote controller carrier generator circuit (REM output)
• 17K architecture: General-purpose register system
• Program memory (ROM), Data memory (RAM)
• 8-bit timer : 1 channel
• Basic internal timer/Watchdog timer : 1 channel
• Instruction execution time (can be changed in two steps)
    at fX = 4 MHz : 4 µs (high-speed mode)/8 µs (ordinary mode)
    at fX = 8 MHz : 2 µs (high-speed mode)/4 µs (ordinary mode)
• External interrupt pin (INT) : 1
• I/O pins : 21
• Supply voltage : VDD = 2.2 to 3.6 V (at fX = 8 MHz (high-speed mode))
                             VDD = 2.0 to 3.6 V (at fX = 4 MHz (high-speed mode))
• Low-voltage detector circuit (mask option)

APPLICATION
    Preset remote controllers, toys, portable systems, etc.




Similar Part No. - UPD17235GT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17235 RENESAS-UPD17235 Datasheet
533Kb / 94P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD17235GT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17P228 NEC-UPD17P228 Datasheet
203Kb / 28P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD17P236 NEC-UPD17P236 Datasheet
252Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Renesas Technology Corp
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17P228 RENESAS-PD17P228_15 Datasheet
505Kb / 30P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com