Electronic Components Datasheet Search
  English  ▼

X  

TGS2353 Datasheet (PDF) - TriQuint Semiconductor

TGS2353 Datasheet PDF - TriQuint Semiconductor
Part # TGS2353
Download  TGS2353 Download
File Size   552.56 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description DC ??18 GHz High Power SPDT Switch

TGS2353 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGS2353 Datasheet PDF - TriQuint Semiconductor

Part # TGS2353
Download  TGS2353 Click to download

File Size   552.56 Kbytes
Page   10 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description DC ??18 GHz High Power SPDT Switch

TGS2353 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - TGS2353

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2353 TRIQUINT-TGS2353 Datasheet
552Kb / 10P
DC ??18 GHz High Power SPDT Switch
logo
Qorvo, Inc
TGS2353-2 QORVO-TGS2353-2 Datasheet
383Kb / 8P
0.5 – 18.0 GHz High Power SPDT Switch
Sept. 30, 2021
logo
TriQuint Semiconductor
TGS2353-2-SM TRIQUINT-TGS2353-2-SM Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Qorvo, Inc
TGS2353-2-SM QORVO-TGS2353-2-SM Datasheet
573Kb / 10P
0.5 - 18 GHz High Power SPDT Reflective Switch
Mar. 15, 2023
logo
TriQuint Semiconductor
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
More results


Similar Description - TGS2353

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-276 MACOM-SW-276 Datasheet
118Kb / 5P
High Power GaAs SPDT Switch DC - 3.0 GHz
logo
TriQuint Semiconductor
TGS2351 TRIQUINT-TGS2351 Datasheet
446Kb / 11P
DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
DC ??6 GHz High Power SPDT Switch
TGS2352 TRIQUINT-TGS2352 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
TGS2353 TRIQUINT-TGS2353 Datasheet
552Kb / 10P
DC ??18 GHz High Power SPDT Switch
TGS2351 TRIQUINT-TGS2351_15 Datasheet
446Kb / 11P
DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM_15 Datasheet
658Kb / 13P
DC ??6 GHz High Power SPDT Switch
TGS2352 TRIQUINT-TGS2352_15 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
DC-18 GHz SPDT Non-reflective Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com