Electronic Components Datasheet Search
  English  ▼

X  

IRU1050CP Datasheet (PDF) - International Rectifier

IRU1050CP Datasheet PDF - International Rectifier
Part # IRU1050CP
Download  IRU1050CP Download
File Size   105.13 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1050CP Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1050CP Datasheet PDF - International Rectifier

Part # IRU1050CP
Download  IRU1050CP Click to download

File Size   105.13 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1050CP Datasheet (HTML) - International Rectifier


IRU1050CP Product details

DESCRIPTION
The IRU1050 is a low dropout three-terminal adjustable regulator with minimum of 5A output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications such as Pentiumä P54Cä,P55Cä as well as GTL+ termination for Pentium Proä and Klamathä processor applications. The IRU1050 is also well suited for other processors such as Cyrixä, AMD and Power PCä applications. The IRU1050 is guaranteed to have <1.3V dropout at full load current making it ideal to provide well regulated outputs of 2.5V to 3.3V with 4.75V to 7V input supply.

FEATURES
■ Guaranteed < 1.3V Dropout at Full Load Current
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Output Current Limiting
■ Built-In Thermal Shutdown

APPLICATIONS
■ Low Voltage Processor Applications such as:
   P54Cä, P55Cä, Cyrix M2ä,
   POWER PCä, AMD
■ GTL+ Termination
   PENTIUM PROä, KLAMATHä
■ Low Voltage Memory Termination Applications
■ Standard 3.3V Chip Set and Logic Applications




Similar Part No. - IRU1050CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CT IRF-IRU1050-33CT Datasheet
58Kb / 8P
5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results


Similar Description - IRU1050CP

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
5A Low Dropout Positive Adjustable Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Linear Technology
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
5A Low Dropout Positive Adjustable Regulator
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
5A Low Dropout Positive Adjustable Regulator
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com