Electronic Components Datasheet Search
  English  ▼

X  

3032 Datasheet (PDF) - KR Electronics, Inc.

3032 Datasheet PDF - KR Electronics, Inc.
Part # 3032
Download  3032 Download
File Size   74.35 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 281.25 MHz Bandpass Filter

3032 Datasheet (PDF)

Go To PDF Page Download Datasheet
3032 Datasheet PDF - KR Electronics, Inc.

Part # 3032
Download  3032 Click to download

File Size   74.35 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 281.25 MHz Bandpass Filter

3032 Datasheet (HTML) - KR Electronics, Inc.


3032 Product details

General Description
KR Electronics part number 3032 is a 281.25 MHz bandpass filter. The filter has a minimum 3 dB bandwidth of 34 MHz. Other bandwidths and center frequencies are available. Please consult the factory.

Features
● 281.25 MHz Bandpass Filter
● 34 MHz min 3 dB Bandwidth
● Sharp Elliptic Type Design
● 50 Ω Source and Load
● SMA Connectors




Similar Part No. - 3032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3032 MACOM-3032 Datasheet
116Kb / 1P
90 CROSSOVER HYBRID COUPLER 800-900,890-960, OR 1700-1900 MHZ
logo
Heyco.
3032 HEYCO-3032 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Adafruit Industries
3032 ADAFRUIT-3032 Datasheet
89Kb / 2P
Microsoft Azure IoT Starter Kit w/ Adafruit Feather HUZZAH
logo
Keystone Electronics Co...
3032 KEYSTONE-3032 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
RAF ELECTRONIC HARDWARE
3032-B-256-AL RAF-3032-B-256-AL Datasheet
88Kb / 1P
3/16 ROUND SWAGE STANDOFFS
More results


Similar Description - 3032

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3032-SMD KR-3032-SMD Datasheet
69Kb / 3P
281.25 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
3306-3381-1629 KR-3306-3381-1629 Datasheet
73Kb / 3P
3381 MHz Bandpass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com