Electronic Components Datasheet Search
  English  ▼

X  

3019 Datasheet (PDF) - KR Electronics, Inc.

3019 Datasheet PDF - KR Electronics, Inc.
Part # 3019
Download  3019 Download
File Size   73.28 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 11.5 MHz Bandpass

3019 Datasheet (PDF)

Go To PDF Page Download Datasheet
3019 Datasheet PDF - KR Electronics, Inc.

Part # 3019
Download  3019 Click to download

File Size   73.28 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 11.5 MHz Bandpass

3019 Datasheet (HTML) - KR Electronics, Inc.




Similar Part No. - 3019

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3019 ETC2-3019 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
logo
Heyco.
3019 HEYCO-3019 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Adafruit Industries
3019 ADAFRUIT-3019 Datasheet
93Kb / 2P
Third Hand Pana Hand Workstation Add-On for Panavise
6-8-17
logo
Wiha Tools
30190 WIHA-30190 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
30190 WIHA-30190 Datasheet
241Kb / 1P
19 Pc. SlimLine Insulated Blade Set
More results


Similar Description - 3019

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
10 MHz Bandpass
2451-S KR-2451-S Datasheet
48Kb / 2P
140 MHz Bandpass
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
2629-40-1 KR-2629-40-1 Datasheet
89Kb / 2P
160 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
174 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3192-3 KR-3192-3 Datasheet
105Kb / 3P
2000 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
1087.5 MHz Bandpass
logo
Integrated Technology F...
251163B ITF-251163B Datasheet
156Kb / 2P
Typical 1dB bandwidth of 11.5 MHz
Rev 1.0 2013. 04. 01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com