Electronic Components Datasheet Search
  English  ▼

X  

IRFIZ34V Datasheet (PDF) - International Rectifier

IRFIZ34V Datasheet PDF - International Rectifier
Part # IRFIZ34V
Download  IRFIZ34V Download
File Size   105.39 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=28mohm, Id=20A)

IRFIZ34V Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFIZ34V Datasheet PDF - International Rectifier

Part # IRFIZ34V
Download  IRFIZ34V Click to download

File Size   105.39 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=28mohm, Id=20A)

IRFIZ34V Datasheet (HTML) - International Rectifier


IRFIZ34V Product details

Description
Advanced HEXFET®Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The moulding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.

● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated
● Optimized for SMPS Applications




Similar Part No. - IRFIZ34V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIZ34VPBF IRF-IRFIZ34VPBF Datasheet
214Kb / 8P
Advanced Process Technology
More results


Similar Description - IRFIZ34V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFI540N IRF-IRFI540N Datasheet
131Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.052ohm, Id=20A)
IRFP240 IRF-IRFP240 Datasheet
165Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=20A)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460LC IRF-IRFP460LC Datasheet
338Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com