Electronic Components Datasheet Search
  English  ▼

X  

IRF9Z34L Datasheet (PDF) - International Rectifier

IRF9Z34L Datasheet PDF - International Rectifier
Part # IRF9Z34L
Download  IRF9Z34L Download
File Size   334.68 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)

IRF9Z34L Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9Z34L Datasheet PDF - International Rectifier

Part # IRF9Z34L
Download  IRF9Z34L Click to download

File Size   334.68 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)

IRF9Z34L Datasheet (HTML) - International Rectifier


IRF9Z34L Product details

Description

Third Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRF9Z34L) is available for low profile applications.



• Advanced Process Technology

• Surface Mount (IRF9Z34S)

• Low-profile through-hole (IRF9Z34L)

• 175°C Operating Temperature

• Fast Switching

• P- Channel

• Fully Avalanche Rated



 




Similar Part No. - IRF9Z34L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9Z34L VISHAY-IRF9Z34L Datasheet
2Mb / 8P
Power MOSFET
03-Jun-08
logo
International Rectifier
IRF9Z34LPBF IRF-IRF9Z34LPBF Datasheet
1Mb / 10P
Surface Mount
logo
Vishay Siliconix
IRF9Z34LPBF VISHAY-IRF9Z34LPBF Datasheet
2Mb / 8P
Power MOSFET
03-Jun-08
More results


Similar Description - IRF9Z34L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFP254 IRF-IRFP254 Datasheet
162Kb / 6P
Power MOSFET(Vdss = 250 V, Rds(on)=0.14ohm, Id=23A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com