Electronic Components Datasheet Search
  English  ▼

X  

UF1001 Datasheet (PDF) - SUNMATE electronic Co., LTD

UF1001 Datasheet PDF - SUNMATE electronic Co., LTD
Part # UF1001
Download  UF1001 Download
File Size   78.27 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Axial Leaded Ultrafast Diode

UF1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1001 Datasheet PDF - SUNMATE electronic Co., LTD

Part # UF1001
Download  UF1001 Click to download

File Size   78.27 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 1.0A Axial Leaded Ultrafast Diode

UF1001 Datasheet (HTML) - SUNMATE electronic Co., LTD


UF1001 Product details

Features
● Glass Passivated Die Construction
● Ultra-Fast Switching
● High Current Capability
● Low Reverse Leakage Current
● High Surge Current Capability
● Plastic Material has UL Flammability Classification 94V-O




Similar Part No. - UF1001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1001 PANJIT-UF1001 Datasheet
60Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1001 WTE-UF1001 Datasheet
44Kb / 3P
10A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
UF1001 DIODES-UF1001 Datasheet
62Kb / 2P
1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
logo
Fuji Electric
UF1001 FUJI-UF1001 Datasheet
759Kb / 1P
1 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
UF1001 DIODES-UF1001 Datasheet
419Kb / 3P
1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. 11 - 2
More results


Similar Description - UF1001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1H1 WTE-1H1_06 Datasheet
50Kb / 4P
1.0A ULTRAFAST DIODE
HER101 WTE-HER101_06 Datasheet
51Kb / 4P
1.0A ULTRAFAST DIODE
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
1.0A ULTRAFAST DIODE
logo
SUNMATE electronic Co.,...
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
1.0A Axial Leaded Schottky Barrier Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
1.0A Axial Leaded Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
1.0A Axial Leaded Schottky Barrier Diode
SR120 SUNMATE-SR120 Datasheet
189Kb / 2P
1.0A Axial Leaded Schottky Barrier Diode
UF2001 SUNMATE-UF2001 Datasheet
78Kb / 2P
2.0A Axial Leaded Ultrafast Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com