Electronic Components Datasheet Search
  English  ▼

X  

EL2280 Datasheet (PDF) - Intersil Corporation

EL2280 Datasheet PDF - Intersil Corporation
Part # EL2280
Download  EL2280 Download
File Size   385.37 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz/3mA Current Mode Feedback Amplifiers

EL2280 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2280 Datasheet PDF - Intersil Corporation

Part # EL2280
Download  EL2280 Click to download

File Size   385.37 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz/3mA Current Mode Feedback Amplifiers

EL2280 Datasheet (HTML) - Intersil Corporation


EL2280 Product details

General Description
The EL2180C/EL2280C/EL2480C are single/dual/quad current-feedback operational amplifiers that achieve a -3dB bandwidth of 250MHz at a gain of +1 while consuming only 3mA of supply current per amplifier. They will operate with dual supplies ranging from ±1.5V to ±6V or from single supplies ranging from +3V to +12V. In spite of their low supply current, the EL2480C and the EL2280C can output 55mA while swinging to ±4V on ±5V supplies. The EL2180C can output 100mA with similar output swings. These attributes make the EL2180C/EL2280C/EL2480C excellent choices for low power and/or low voltage cable driver, HDSL, or RGB applications.

Features
• Single, dual, and quad topologies
• 3mA supply current (per amplifier)
• 250MHz -3dB bandwidth
• 1200V/µs slew rate
• Tiny package package options (SOT23, LPP)
• Low cost
• Single- and dual-supply operation down to ±1.5V
• 0.05%/0.05° diff. gain/diff. phase into 150W

Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters




Similar Part No. - EL2280

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2280C ELANTEC-EL2280C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
EL2280CN ELANTEC-EL2280CN Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
EL2280CS ELANTEC-EL2280CS Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
EL2280CS-T13 ELANTEC-EL2280CS-T13 Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
EL2280CS-T7 ELANTEC-EL2280CS-T7 Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
More results


Similar Description - EL2280

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
250MHz/3mA Current Mode Feedback Amp w/Disable
September 26, 2001
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
EL2480 INTERSIL-EL2480 Datasheet
381Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
May 23, 2005
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Renesas Technology Corp
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com