Electronic Components Datasheet Search
  English  ▼

X  

RHRU150100 Datasheet (PDF) - Intersil Corporation

RHRU150100 Datasheet PDF - Intersil Corporation
Part # RHRU150100
Download  RHRU150100 Download
File Size   39.18 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150A, 900V - 1000V Hyperfast Diodes

RHRU150100 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRU150100 Datasheet PDF - Intersil Corporation

Part # RHRU150100
Download  RHRU150100 Click to download

File Size   39.18 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 150A, 900V - 1000V Hyperfast Diodes

RHRU150100 Datasheet (HTML) - Intersil Corporation


RHRU150100 Product details

150A, 900V - 1000V Hyperfast Diodes

RHRU15090 and RHRU150100 (TA49072) are hyperfast diodes with soft recovery characteristics (tRR < 90ns). They have half the recovery time of ultrafast diodes and are silicon nitride passivated ion-implanted epitaxial planar construction.
These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Features
• Hyperfast with Soft Recovery<90ns
• Operating Temperature+175°C
• Reverse Voltage Up To1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRU150100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU150120 INTERSIL-RHRU150120 Datasheet
68Kb / 4P
150A, 1200V Hyperfast Diode
January 2000
More results


Similar Description - RHRU150100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG50100 INTERSIL-RHRG50100 Datasheet
38Kb / 3P
50A, 1000V Hyperfast Diode
January 2000
RHRG7570 INTERSIL-RHRG7570 Datasheet
61Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
RHRP15100 INTERSIL-RHRP15100 Datasheet
54Kb / 4P
15A, 1000V Hyperfast Diode
January 2000
RHRP30100 INTERSIL-RHRP30100 Datasheet
50Kb / 4P
30A, 1000V Hyperfast Diode
January 2000
RHRP8100 INTERSIL-RHRP8100 Datasheet
55Kb / 4P
8A, 1000V Hyperfast Diode
January 2000
RHRU150120 INTERSIL-RHRU150120 Datasheet
68Kb / 4P
150A, 1200V Hyperfast Diode
January 2000
RHRU15060 INTERSIL-RHRU15060 Datasheet
40Kb / 3P
150A, 600V Hyperfast Diode
January 2000
RHRU5070 INTERSIL-RHRU5070 Datasheet
56Kb / 4P
50A, 700V - 1000V Hyperfast Diodes
April 1995
RHRU7570 INTERSIL-RHRU7570 Datasheet
60Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
RURU15070 INTERSIL-RURU15070 Datasheet
48Kb / 4P
150A, 700V - 1000V Ultrafast Diodes
April 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com