Electronic Components Datasheet Search
  English  ▼

X  

RHRP860 Datasheet (PDF) - Intersil Corporation

RHRP860 Datasheet PDF - Intersil Corporation
Part # RHRP860
Download  RHRP860 Download
File Size   49.98 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 400V - 600V Hyperfast Diodes

RHRP860 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRP860 Datasheet PDF - Intersil Corporation

Part # RHRP860
Download  RHRP860 Click to download

File Size   49.98 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 400V - 600V Hyperfast Diodes

RHRP860 Datasheet (HTML) - Intersil Corporation


RHRP860 Product details

The RHRP840 and RHRP860 are hyperfast diodes with soft recovery characteristics (trr < 30ns). They have half the recovery time of ultrafast diodes and are silicon nitride passivated ion-implanted epitaxial planar construction.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <30ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . 175°C
• Reverse Voltage Up To. . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRP860

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP860 FAIRCHILD-RHRP860 Datasheet
365Kb / 5P
8A, 400V - 600V Hyperfast Diodes
logo
Inchange Semiconductor ...
RHRP860 ISC-RHRP860 Datasheet
299Kb / 2P
Ultra-fast Rectifier
logo
Intersil Corporation
RHRP860CC INTERSIL-RHRP860CC Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Dual Diodes
January 2000
logo
Fairchild Semiconductor
RHRP860 FAIRCHILD-RHRP860_11 Datasheet
484Kb / 5P
8A,600V Hyperfast Diodes
RHRP860_F085 FAIRCHILD-RHRP860_F085 Datasheet
484Kb / 5P
8A,600V Hyperfast Diodes
More results


Similar Description - RHRP860

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR840 FAIRCHILD-MUR840 Datasheet
77Kb / 5P
8A, 400V - 600V Ultrafast Diodes
RHRD440 FAIRCHILD-RHRD440 Datasheet
353Kb / 5P
4A, 400V - 600V Hyperfast Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
30A, 400V - 600V Hyperfast Diodes
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
MUR840 INTERSIL-MUR840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
RHRP840CC INTERSIL-RHRP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Dual Diodes
January 2000
RURD840 INTERSIL-RURD840 Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Diodes
January 2000
logo
Fairchild Semiconductor
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
15A, 400V - 600V Hyperfast Diodes
RHRP860 FAIRCHILD-RHRP860_11 Datasheet
484Kb / 5P
8A,600V Hyperfast Diodes
RHRP860_F085 FAIRCHILD-RHRP860_F085 Datasheet
484Kb / 5P
8A,600V Hyperfast Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com