Electronic Components Datasheet Search
  English  ▼

X  

RHRG30100CC Datasheet (PDF) - Intersil Corporation

RHRG30100CC Datasheet PDF - Intersil Corporation
Part # RHRG30100CC
Download  RHRG30100CC Download
File Size   49.66 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 1000V Hyperfast Dual Diode

RHRG30100CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRG30100CC Datasheet PDF - Intersil Corporation

Part # RHRG30100CC
Download  RHRG30100CC Click to download

File Size   49.66 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 1000V Hyperfast Dual Diode

RHRG30100CC Datasheet (HTML) - Intersil Corporation


RHRG30100CC Product details

The RHRG30100CC is a hyperfast dual diode with soft recovery characteristics (trr < 65ns). It has half the recovery time of ultrafast diodes and is of silicon nitride passivated ion-implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamping diode and rectifier in a variety of switching power supplies and other power switching applications. Its low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <65ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRG30100CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG30100 INTERSIL-RHRG30100 Datasheet
48Kb / 4P
30A, 1000V Hyperfast Diode
January 2000
More results


Similar Description - RHRG30100CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG15100CC INTERSIL-RHRG15100CC Datasheet
49Kb / 4P
15A, 1000V Hyperfast Dual Diode
January 2000
RHRG30100 INTERSIL-RHRG30100 Datasheet
48Kb / 4P
30A, 1000V Hyperfast Diode
January 2000
RHRG30120CC INTERSIL-RHRG30120CC Datasheet
32Kb / 3P
30A, 1200V Hyperfast Dual Diode
January 2000
RHRG50100 INTERSIL-RHRG50100 Datasheet
38Kb / 3P
50A, 1000V Hyperfast Diode
January 2000
RHRP15100 INTERSIL-RHRP15100 Datasheet
54Kb / 4P
15A, 1000V Hyperfast Diode
January 2000
RHRP30100 INTERSIL-RHRP30100 Datasheet
50Kb / 4P
30A, 1000V Hyperfast Diode
January 2000
RHRP8100 INTERSIL-RHRP8100 Datasheet
55Kb / 4P
8A, 1000V Hyperfast Diode
January 2000
RHRP8100CC INTERSIL-RHRP8100CC Datasheet
53Kb / 4P
8A, 1000V Hyperfast Dual Diode
January 2000
RURG30100 INTERSIL-RURG30100 Datasheet
32Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURH30100CC INTERSIL-RURH30100CC Datasheet
33Kb / 3P
30A, 1000V Ultrafast Dual Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com