Electronic Components Datasheet Search
  English  ▼

X  

RFP70N06 Datasheet (PDF) - Intersil Corporation

RFP70N06 Datasheet PDF - Intersil Corporation
Part # RFP70N06
Download  RFP70N06 Download
File Size   71.22 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 70A, 60V, 0.014 Ohm, N-Channel Power MOSFETs

RFP70N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP70N06 Datasheet PDF - Intersil Corporation

Part # RFP70N06
Download  RFP70N06 Click to download

File Size   71.22 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 70A, 60V, 0.014 Ohm, N-Channel Power MOSFETs

RFP70N06 Datasheet (HTML) - Intersil Corporation


RFP70N06 Product details

These are N-Channel power MOSFETs manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers and relay drivers. These transistors can be operated directly from integrated circuits.
Formerly developmental type TA49007.

Features
• 70A, 60V
• rDS(on) = 0.014Ω
• Temperature Compensated PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve (Single Pulse)
• 175oC Operating Temperature
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP70N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP70N06 FAIRCHILD-RFP70N06 Datasheet
90Kb / 6P
70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
logo
Thinki Semiconductor Co...
RFP70N06 THINKISEMI-RFP70N06 Datasheet
1Mb / 7P
70A,60V Heatsink Planar N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
RFP70N06 VBSEMI-RFP70N06 Datasheet
979Kb / 7P
N-Channel 60-V (D-S) MOSFET
More results


Similar Description - RFP70N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75542P3 FAIRCHILD-HUFA75542P3 Datasheet
202Kb / 10P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75645P3 FAIRCHILD-HUFA75645P3 Datasheet
236Kb / 10P
75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
FSJ055D INTERSIL-FSJ055D Datasheet
325Kb / 9P
70A, 60V, 0.012 Ohm, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
October 1999
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
1999 07
RFK70N06 INTERSIL-RFK70N06 Datasheet
86Kb / 8P
70A, 60V, 0.014 Ohm, N-Channel Power MOSFET
September 1998
logo
Tak Cheong Electronics ...
TFP70N06 TAK_CHEONG-TFP70N06 Datasheet
326Kb / 8P
N-Channel Power MOSFET 70A, 60V, 0.014廓
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com