Electronic Components Datasheet Search
  English  ▼

X  

MWS5114D3 Datasheet (PDF) - Intersil Corporation

MWS5114D3 Datasheet PDF - Intersil Corporation
Part # MWS5114D3
Download  MWS5114D3 Download
File Size   29.33 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1024-Word x 4-Bit LSI Static RAM

MWS5114D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MWS5114D3 Datasheet PDF - Intersil Corporation

Part # MWS5114D3
Download  MWS5114D3 Click to download

File Size   29.33 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1024-Word x 4-Bit LSI Static RAM

MWS5114D3 Datasheet (HTML) - Intersil Corporation


MWS5114D3 Product details

Description

The MWS5114 is a 1024 word by 4-bit static random access memory that uses the ion-implanted silicon gate complementary MOS (CMOS) technology. It is designed for use in memory systems where low power and simplicity in use are desirable. This type has common data input and data output and utilizes a single power supply of 4.5V to 6.5V.

The MWS5114 is supplied in 18 lead, hermetic, dual-in-line sidebrazed ceramic packages (D suffix) and in 18 lead dual in-line plastic packages (E suffix).



Features

• Fully Static Operation

• Industry Standard 1024 x 4 Pinout (Same as Pinouts for 6514, 2114, 9114, and 4045 Types)

• Common Data Input and Output

• Memory Retention for Standby Battery Voltage as Low as 2V Min

• All Inputs and Outputs Directly TTL Compatible

• Three-State Outputs

• Low Standby and Operating Power



 




Similar Part No. - MWS5114D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MWS5114D3 INTERSIL-MWS5114D3 Datasheet
113Kb / 8P
1024-Word x 4-Bit LSI Static RAM
March 1997
MWS5114D3X INTERSIL-MWS5114D3X Datasheet
113Kb / 8P
1024-Word x 4-Bit LSI Static RAM
March 1997
More results


Similar Description - MWS5114D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1821C INTERSIL-CDP1821C Datasheet
32Kb / 7P
High-Reliability CMOS 1024-Word x 1-Bit Static RAM
March 1997
CDP1822 INTERSIL-CDP1822 Datasheet
45Kb / 8P
256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822C INTERSIL-CDP1822C Datasheet
27Kb / 5P
High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
March 1997
CDP1823 INTERSIL-CDP1823 Datasheet
28Kb / 7P
128-Word x 8-Bit LSI Static RAM
March 1997
MWS5101 INTERSIL-MWS5101 Datasheet
41Kb / 7P
256-Word x 4-Bit LSI Static RAM
March 1997
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
1024-word x 4-bit High Speed Static CMOS RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
1024-Bit (256 x 4) Static RAM
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822_1 Datasheet
169Kb / 9P
256-Word x 4-Bit LSI Static RAM
March 1997
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
1024-Word x 4-Bit LSI Static RAM
March 1997
logo
Toshiba Semiconductor
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
65,536 WORD x 4 BIT CMOS STATIC RAM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com