Electronic Components Datasheet Search
  English  ▼

X  

MUR3020 Datasheet (PDF) - Intersil Corporation

MUR3020 Datasheet PDF - Intersil Corporation
Part # MUR3020
Download  MUR3020 Download
File Size   31.5 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 200V Ultrafast Dual Diodes

MUR3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR3020 Datasheet PDF - Intersil Corporation

Part # MUR3020
Download  MUR3020 Click to download

File Size   31.5 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15A, 200V Ultrafast Dual Diodes

MUR3020 Datasheet (HTML) - Intersil Corporation


MUR3020 Product details

The MUR3020PT and RURH1520CC are ultrafast dual diodes (trr< 30ns) with soft recovery characteristics. They have a low forward voltage drop and are of planar, silicon nitride passivated, ion-implanted, epitaxial construction. These devices are intended for use as energy steering/ clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast recovery with soft recovery characteristics minimizes ringing and electrical noise in many power switching circuits thus reducing power loss in the switching transistor.

Formerly developmental type TA09926.



Features

• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <30ns

• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C

• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V

• Avalanche Energy Rated

• Planar Construction




Similar Part No. - MUR3020

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR3020 MOTOROLA-MUR3020 Datasheet
99Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3020 MOTOROLA-MUR3020 Datasheet
103Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
logo
Micro Commercial Compon...
MUR3020 MCC-MUR3020 Datasheet
103Kb / 3P
30 Amp Super Fast Recovery Rectifier 200 to 600 Volts
logo
Sirectifier Semiconduct...
MUR3020 SIRECTIFIER-MUR3020 Datasheet
73Kb / 3P
Ultra Fast Recovery Diodes
logo
Digitron Semiconductors
MUR3020 DIGITRON-MUR3020 Datasheet
163Kb / 2P
30A ULTRA FAST RECTIFIER
More results


Similar Description - MUR3020

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MUR1520 FAIRCHILD-MUR1520 Datasheet
61Kb / 4P
15A, 200V Ultrafast Diodes
RURG1520CC FAIRCHILD-RURG1520CC Datasheet
339Kb / 4P
15A, 200V Ultrafast Dual Diode
logo
Intersil Corporation
MUR1520 INTERSIL-MUR1520 Datasheet
31Kb / 3P
15A, 200V Ultrafast Diodes
January 2000
MUR1620CT INTERSIL-MUR1620CT Datasheet
52Kb / 5P
8A, 200V Ultrafast Dual Diodes
January 2000
RURG1520CC INTERSIL-RURG1520CC Datasheet
31Kb / 3P
15A, 200V Ultrafast Dual Diode
January 2000
RURG1540CC INTERSIL-RURG1540CC Datasheet
32Kb / 3P
15A, 200V Ultrafast Dual Diode
January 2000
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
15A, 100V - 200V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURG1520CC FAIRCHILD-RURG1520CC_05 Datasheet
52Kb / 5P
15A, 200V Ultrafast Dual Diode
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
15A, 100V - 200V Ultrafast Dual Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com