Electronic Components Datasheet Search
  English  ▼

X  

RURP820CC Datasheet (PDF) - Intersil Corporation

RURP820CC Datasheet PDF - Intersil Corporation
Part # RURP820CC
Download  RURP820CC Download
File Size   52.62 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 200V Ultrafast Dual Diodes

RURP820CC Datasheet (PDF)

Go To PDF Page Download Datasheet
RURP820CC Datasheet PDF - Intersil Corporation

Part # RURP820CC
Download  RURP820CC Click to download

File Size   52.62 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A, 200V Ultrafast Dual Diodes

RURP820CC Datasheet (HTML) - Intersil Corporation


RURP820CC Product details

8A, 200V Ultrafast Dual Diodes

The MUR1620CT and RURP820CC are ultrafast dual diodes with soft recovery characteristics (trr

< 25ns). They have low forward voltage drop and are silicon nitride passivated ionimplanted epitaxial planar construction.

These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast soft recovery minimize ringing and electrical noise in many power switching circuits

reducing power loss in the switching transistors.



Features

• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <25ns

• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC

• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V

• Avalanche Energy Rated

• Planar Construction



Applications

• Switching Power Supplies

• Power Switching Circuits

• General Purpose




Similar Part No. - RURP820CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURP820 INTERSIL-RURP820 Datasheet
52Kb / 5P
8A, 200V Ultrafast Diodes
January 2000
More results


Similar Description - RURP820CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
8A, 100V - 200V Ultrafast Dual Diodes
June 1995
MUR3020PT INTERSIL-MUR3020PT Datasheet
31Kb / 3P
15A, 200V Ultrafast Dual Diodes
January 2000
MUR820 INTERSIL-MUR820 Datasheet
52Kb / 5P
8A, 200V Ultrafast Diodes
January 2000
RURD620CC INTERSIL-RURD620CC Datasheet
50Kb / 4P
6A, 200V Ultrafast Dual Diodes
January 2000
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
8A, 400V - 600V Ultrafast Dual Diodes
January 2000
logo
Fairchild Semiconductor
RURD620CC FAIRCHILD-RURD620CC Datasheet
346Kb / 5P
6A, 200V Ultrafast Dual Diodes
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
15A, 100V - 200V Ultrafast Dual Diodes
logo
Shenzhen Winsemi Microe...
WDP8S20 WINSEMI-WDP8S20 Datasheet
422Kb / 5P
8A,200V Ultrafast Single Diode
logo
Fairchild Semiconductor
RURD620CCS9A FAIRCHILD-RURD620CCS9A_11 Datasheet
1Mb / 5P
6A, 200V Ultrafast Dual Diodes
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
15A, 100V - 200V Ultrafast Dual Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com