Electronic Components Datasheet Search
  English  ▼

X  

8487EIB Datasheet (PDF) - Intersil Corporation

8487EIB Datasheet PDF - Intersil Corporation
Part # 8487EIB
Download  8487EIB Download
File Size   527.95 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers

8487EIB Datasheet (PDF)

Go To PDF Page Download Datasheet
8487EIB Datasheet PDF - Intersil Corporation

Part # 8487EIB
Download  8487EIB Click to download

File Size   527.95 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers

8487EIB Datasheet (HTML) - Intersil Corporation


8487EIB Product details

These Intersil RS-485/RS-422 devices are ESD protected, fractional unit load (UL), BiCMOS, 5V powered, single transceivers that meet both the RS-485 and RS-422 standards for balanced communication. Each driver output/ receiver input is protected against ±15kV ESD strikes, without latch-up. Unlike competitive devices, this Intersil family is specified for 10% tolerance supplies (4.5V to 5.5V).

Features
• RS-485 I/O Pin ESD Protection . . . . . . . . . . ±15kV HBM
    - Class 3 ESD Level on all Other Pins . . . . . . >7kV HBM
• Fractional Unit Load Allows up to 256 Devices on the Bus
• Specified for 10% Tolerance Supplies
• High Data Rate Version (ISL81487E) . . . . . up to 5Mbps
• Slew Rate Limited Versions for Error Free Data Transmission (ISL8487E, ISL81487L) . . . . .up to 250kbps
• Low Current Shutdown Mode (Except ISL81487E). . . 0.5µA
• Low Quiescent Supply Current:
    - ISL8487E, ISL81487L . . . . . . . . . . . . . . . 145µA (Max.)
    - ISL81487E . . . . . . . . . . . . . . . . . . . . . . . . 420µA (Max.)
• -7V to +12V Common Mode Input Voltage Range
• Three State Rx and Tx Outputs
• 30ns Propagation Delays, 5ns Skew (ISL81487E)
• Half Duplex Pinouts
• Operate from a Single +5V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for Driver Overload Protection
• Pin Compatible Replacements for: MAX487E, (ISL8487E); LTC1487, ADM1487 (ISL81487L); MAX1487E, ST485ER (ISL81487E)
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• High Node Count Networks
• Automated Utility Meter Reading Systems
• Factory Automation
• Security Networks
• Building Environmental Control Systems
• Industrial/Process Control Networks




Similar Part No. - 8487EIB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8487 VECTRON-8487 Datasheet
511Kb / 4P
Oven Controlled Crystal Oscillators
logo
Filtran LTD
8487 FILTRAN-8487 Datasheet
222Kb / 1P
ISDNS-Bus Input/Output Modules
logo
Littelfuse
8487 LITTELFUSE-8487 Datasheet
238Kb / 1P
STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
logo
Heyco.
8487 HEYCO-8487 Datasheet
136Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
FCI connector
84873-001 FCI-CONNECTOR-84873-001 Datasheet
132Kb / 2P
FIBER OPTIC ADAPTERS
More results


Similar Description - 8487EIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
December 2003
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 22, 2005
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
July 31, 2006
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 27, 2006
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com