Electronic Components Datasheet Search
  English  ▼

X  

ISL6558EVAL2 Datasheet (PDF) - Intersil Corporation

ISL6558EVAL2 Datasheet PDF - Intersil Corporation
Part # ISL6558EVAL2
Download  ISL6558EVAL2 Download
File Size   302.76 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified MOSFET Driver

ISL6558EVAL2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6558EVAL2 Datasheet PDF - Intersil Corporation

Part # ISL6558EVAL2
Download  ISL6558EVAL2 Click to download

File Size   302.76 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified MOSFET Driver

ISL6558EVAL2 Datasheet (HTML) - Intersil Corporation


ISL6558EVAL2 Product details

Synchronous Rectified MOSFET Driver

The ISL6605 is a high frequency, MOSFET driver optimized to drive two N-Channel power MOSFETs in a synchronous rectified buck converter topology. This driver combined with an Intersil HIP63xx or ISL65xx Multi-Phase Buck PWM controller forms a complete single-stage core-voltage regulator solution with high efficiency performance at high switching frequency for advanced microprocessors.

Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• 0.4Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
    - Fast Output Rise and Fall Time
    - Ultra Low Propagation Delay 8ns
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 30µA)
• Enable Input
• QFN Package
    - Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
        No Leads-Product Outline.
    - Near Chip-Scale Package Footprint; Improves PCB
        Efficiency and Thinner in Profile.
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Core Voltage Supplies for Intel® and AMD® Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies




Similar Part No. - ISL6558EVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6558EVAL2 INTERSIL-ISL6558EVAL2 Datasheet
474Kb / 16P
Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
June 21, 2005
ISL6558EVAL2 INTERSIL-ISL6558EVAL2 Datasheet
272Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6558EVAL2 INTERSIL-ISL6558EVAL2 Datasheet
266Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
logo
Renesas Technology Corp
ISL6558EVAL2 RENESAS-ISL6558EVAL2 Datasheet
562Kb / 10P
Synchronous Rectified MOSFET Driver
ISL6558EVAL2Z RENESAS-ISL6558EVAL2Z Datasheet
845Kb / 17P
Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results


Similar Description - ISL6558EVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
Synchronous Rectified MOSFET Driver
March 2004
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
Synchronous Rectified MOSFET Driver
March 6, 2006
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
April 27, 2009
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
Synchronous Rectified MOSFET Driver
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
Synchronous Rectified MOSFET Driver
ISL6609 RENESAS-ISL6609 Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com